Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16C84 Datasheet(PDF) 1 Page - Microchip Technology

Part # 16C84
Description  8-bit CMOS EEPROM Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16C84 Datasheet(HTML) 1 Page - Microchip Technology

  16C84 Datasheet HTML 1Page - Microchip Technology 16C84 Datasheet HTML 2Page - Microchip Technology 16C84 Datasheet HTML 3Page - Microchip Technology 16C84 Datasheet HTML 4Page - Microchip Technology 16C84 Datasheet HTML 5Page - Microchip Technology 16C84 Datasheet HTML 6Page - Microchip Technology 16C84 Datasheet HTML 7Page - Microchip Technology 16C84 Datasheet HTML 8Page - Microchip Technology 16C84 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
 1996-2013 Microchip Technology Inc.
DS30445D-page 1
High Performance RISC CPU Features:
• Only 35 single word instructions to learn
• All instructions single cycle (400 ns @ 10 MHz)
except for program branches which are two-cycle
• Operating speed: DC - 10 MHz clock input
DC - 400 ns instruction cycle
• 14-bit wide instructions
• 8-bit wide data path
• 1K x 14 EEPROM program memory
• 36 x 8 general purpose registers (SRAM)
• 64 x 8 on-chip EEPROM data memory
• 15 special function hardware registers
• Eight-level deep hardware stack
• Direct, indirect and relative addressing modes
• Four interrupt sources:
- External RB0/INT pin
- TMR0 timer overflow
- PORTB<7:4> interrupt on change
- Data EEPROM write complete
• 1,000,000 data memory EEPROM
ERASE/WRITE cycles
• EEPROM Data Retention > 40 years
Peripheral Features:
• 13 I/O pins with individual direction control
• High current sink/source for direct LED drive
- 25 mA sink max. per pin
- 20 mA source max. per pin
• TMR0: 8-bit timer/counter with 8-bit
programmable prescaler
Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Code protection
• Power saving SLEEP mode
• Selectable oscillator options
• Serial In-System Programming - via two pins
Pin Diagram
CMOS Technology:
• Low-power, high-speed CMOS EEPROM
technology
• Fully static design
• Wide operating voltage range:
- Commercial: 2.0V to 6.0V
- Industrial:
2.0V to 6.0V
• Low power consumption:
- < 2 mA typical @ 5V, 4 MHz
-60
A typical @ 2V, 32 kHz
-26
A typical standby current @ 2V
RA1
RA0
OSC1/CLKIN
OSC2/CLKOUT
VDD
RB7
RB6
RB5
RB4
RA2
RA3
RA4/T0CKI
MCLR
VSS
RB0/INT
RB1
RB2
RB3
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
PDIP, SOIC
PIC16C84
8-bit CMOS EEPROM Microcontroller


Similar Part No. - 16C84

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
16C-002-00,25-S75 BALLUFF-16C-002-00,25-S75 Datasheet
284Kb / 3P
Photoelectric Sensors
logo
Belden Inc.
16C1.0YCY BELDEN-16C1.0YCY Datasheet
151Kb / 2P
MachFlex™ LiYCY, 16 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
16C1.0YCY006100M BELDEN-16C1.0YCY006100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 16 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
16C1.0YCY006200M BELDEN-16C1.0YCY006200M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 16 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
16C1.0YCY006300M BELDEN-16C1.0YCY006300M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 16 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt
07-04-2024
More results

Similar Description - 16C84

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CE518 MICROCHIP-PIC12CE518 Datasheet
1Mb / 88P
8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
logo
Microchip Technology
PIC16C84 MICROCHIP-PIC16C84_97 Datasheet
935Kb / 108P
8-bit CMOS EEPROM Microcontroller
1997 - 1999
logo
Toshiba Semiconductor
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com