Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16C84 Datasheet(PDF) 90 Page - Microchip Technology

Part # 16C84
Description  8-bit CMOS EEPROM Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16C84 Datasheet(HTML) 90 Page - Microchip Technology

Back Button 16C84 Datasheet HTML 86Page - Microchip Technology 16C84 Datasheet HTML 87Page - Microchip Technology 16C84 Datasheet HTML 88Page - Microchip Technology 16C84 Datasheet HTML 89Page - Microchip Technology 16C84 Datasheet HTML 90Page - Microchip Technology 16C84 Datasheet HTML 91Page - Microchip Technology 16C84 Datasheet HTML 92Page - Microchip Technology 16C84 Datasheet HTML 93Page - Microchip Technology 16C84 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 110 page
background image
PIC16C84
DS30445D-page 90
 1996-2013 Microchip Technology Inc.
FIGURE 12-12: TYPICAL IDD vs. FREQ (EXT CLOCK, 25°C)
FIGURE 12-13: MAXIMUM IDD vs. FREQ (EXT CLOCK, -40° TO +85°C)
10k
100k
1M
10M
100M
10
100
1,000
10,000
External Clock Frequency (Hz)
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0V
10k
100k
1M
10M
100M
10
100
1,000
10,000
External Clock Frequency (Hz)
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com