Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF09 Datasheet(PDF) 3 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Gain, High-Efficiency Front-end Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 3 Page - Microchip Technology

  SST12LF09 Datasheet HTML 1Page - Microchip Technology SST12LF09 Datasheet HTML 2Page - Microchip Technology SST12LF09 Datasheet HTML 3Page - Microchip Technology SST12LF09 Datasheet HTML 4Page - Microchip Technology SST12LF09 Datasheet HTML 5Page - Microchip Technology SST12LF09 Datasheet HTML 6Page - Microchip Technology SST12LF09 Datasheet HTML 7Page - Microchip Technology SST12LF09 Datasheet HTML 8Page - Microchip Technology SST12LF09 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
 2013 Microchip Technology Inc.
DS75083A-page 3
SST12LF09
3.0
PIN ASSIGNMENTS
FIGURE 3-1:
PIN ASSIGNMENTS FOR 16-CONTACT X2QFN
4.0
PIN DESCRIPTIONS
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
75083 P1.0
Top View
(Contacts
facing down)
RF and DC GND
GND
BT
VDD
LEN
DET
NC
VCC
VCC
TABLE 4-1:
PIN DESCRIPTION
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
DET
1O
Detector output voltage ground
NC
2
No connect
VCC
3
Power Supply
PWR
Supply voltage PA
VCC
4
Power Supply
PWR
Supply voltage PA
TX
5I
RF transmit input
PEN
6I
PA enable
GND
7
Ground
Ground pad
RX
8
O
Rx output
LEN
9
LNA enable
VDD
10
PWR
Supply voltage LNA
BT
11
Bluetooth RF port
GND
12
Ground
Ground pad
CBT
13
Bluetooth switch control
CRX
14
Receiver switch control voltage
GND
15
Ground
Ground Pad
ANT
16
I/O
Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com