Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF09 Datasheet(PDF) 1 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Gain, High-Efficiency Front-end Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 1 Page - Microchip Technology

  SST12LF09 Datasheet HTML 1Page - Microchip Technology SST12LF09 Datasheet HTML 2Page - Microchip Technology SST12LF09 Datasheet HTML 3Page - Microchip Technology SST12LF09 Datasheet HTML 4Page - Microchip Technology SST12LF09 Datasheet HTML 5Page - Microchip Technology SST12LF09 Datasheet HTML 6Page - Microchip Technology SST12LF09 Datasheet HTML 7Page - Microchip Technology SST12LF09 Datasheet HTML 8Page - Microchip Technology SST12LF09 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 2013 Microchip Technology Inc.
DS75083A-page 1
FEATURES
• Input/output ports internally matched to 50
Ω and
DC decoupled
• Package available
- 16-contact XQFN – 2.5mm x 2.5mmx 0.4mm
• All non-Pb (lead-free) devices are RoHS compliant
Transmitter Chain
• Gain:
- Typically 24 dB gain
• Dynamic linear output power:
- Meets 802.11g OFDM ACPR requirement up to
21 dBm
- 3% EVM up to 17 dBm for 802.11g, 54 Mbps
- 1.75% dynamic EVM up to 15 dBm for 256 QAM,
40 MHz bandwidth
• Operating current for 802.11g/n applications
-170mA @ POUT = 17 dBm for 802.11g
-130 mA @ POUT = 15 dBm for 802.11n
• PA Control current, IPEN:<2mA
• Idle current, ICQ:105mA
• Low shut-down current: ~2 µA
• Power-up/down control
- Turn on/off time (10%–90%) <400 ns
• Limited variation over temperature
- ~1 dB gain/power variation between -40°C to +85°C
• Linear on-chip power detection
- Load and temperature insensitive
- >20 dB dynamic range on-chip power detection
Receiver Chain
• Gain: Typically 13 dB gain
• Noise figure: Typically 2.5 dB
• Receiver input P1dB: Typically -6 dBm
• LNA bypass loss: Typically 9 dB
Bluetooth® Chain
• Loss: 1.0 dB
• Output P1dB: >25 dBm
APPLICATIONS
• WLAN (IEEE 802.11b/g/n)
• Home RF
• Cordless phones
• 2.4 GHz ISM wireless equipment
1.0
PRODUCT DESCRIPTION
SST12LF09 is a 2.4 GHz Front-end Module (FEM)
designed in compliance with IEEE 802.11b/g/n applica-
tions. Based on GaAs pHEMT/HBT technology, it com-
bines a high-performance Power Amplifier (PA), a low-
noise amplifier (LNA) and an antenna Tx/Rx switch
(SW). The input/output RF ports are single-ended and
internally matched to 50
Ω. These RF ports are DC
decoupled, and require no DC-blocking capacitors or
matching components. This helps reduce the system
board Bill of Materials (BOM) cost.
There are two components to the FEM: the Transmitter
(TX) chain and the Receiver (RX) chain.
The TX chain includes a high-efficiency PA based on
the InGaP/GaAs HBT technology. The transmitter is
optimized for high linearity, 802.11n and 256 QAM
operation–typically providing 15 dBm with 1.75%
dynamic EVM for 256 QAM, 40 MHz operation and 17
dBm at 3% for 802.11g, 54 Mbps operation.
SST12LF09 has an excellent transmitter on-chip, sin-
gle-ended power detector that is stable over tempera-
ture and insensitive to output VSWR. It features a wide
dynamic-range (20 dB) with dB-wise linear operation.
The on-chip power detector provides a reliable solution
to board-level power control.
The Rx chain provides typically 13 dB gain with 2.5 dB
noise figure. With the LNA bypassed, the receiver loss
is typically 9 dB. SST12LF09 also features a Blue-
tooth® path with typically 1.0 dB loss.
SST12LF09 is offered in a16-contact X2QFN package.
See Figure 3-1 for pin assignments and Table 4-1 for
pin descriptions.
SST12LF09
2.4 GHz High-Gain, High-Efficiency Front-end Module


Similar Part No. - SST12LF09

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST12LF09-Q3CE MICROCHIP-SST12LF09-Q3CE Datasheet
548Kb / 18P
2.4 GHz High-Linearity, WLAN Front-End Module
2013
SST12LF09-Q3CE-K MICROCHIP-SST12LF09-Q3CE-K Datasheet
548Kb / 18P
2.4 GHz High-Linearity, WLAN Front-End Module
2013
SST12LF09 MICROCHIP-SST12LF09_13 Datasheet
548Kb / 18P
2.4 GHz High-Linearity, WLAN Front-End Module
2013
More results

Similar Description - SST12LF09

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Microchip Technology
SST12LF02 MICROCHIP-SST12LF02 Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module Cordless phones
06/11
logo
Skyworks Solutions Inc.
SE2436L SKYWORKS-SE2436L Datasheet
262Kb / 13P
High Power 2.4 GHz 802.15.4 Front End Module
logo
Microchip Technology
SST12LP17E MICROCHIP-SST12LP17E Datasheet
380Kb / 15P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
10/14
SST12LF09 MICROCHIP-SST12LF09_13 Datasheet
548Kb / 18P
2.4 GHz High-Linearity, WLAN Front-End Module
2013
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
SST12LF02 SST-SST12LF02 Datasheet
239Kb / 2P
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LF03 SST-SST12LF03 Datasheet
419Kb / 18P
2.4 GHz High-Gain, High-Efficiency Front-end Module
SST12LP14E SST-SST12LP14E Datasheet
34Kb / 2P
2.4 GHz High-Efficiency, High-Gain Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com