Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF09 Datasheet(PDF) 5 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Gain, High-Efficiency Front-end Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 5 Page - Microchip Technology

  SST12LF09 Datasheet HTML 1Page - Microchip Technology SST12LF09 Datasheet HTML 2Page - Microchip Technology SST12LF09 Datasheet HTML 3Page - Microchip Technology SST12LF09 Datasheet HTML 4Page - Microchip Technology SST12LF09 Datasheet HTML 5Page - Microchip Technology SST12LF09 Datasheet HTML 6Page - Microchip Technology SST12LF09 Datasheet HTML 7Page - Microchip Technology SST12LF09 Datasheet HTML 8Page - Microchip Technology SST12LF09 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
 2013 Microchip Technology Inc.
DS75083A-page 5
SST12LF09
TABLE 5-3:
TX CHAIN RF CHARACTERISTICS AT 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2.4
2.5
GHz
Linearity,
Output Power with <3% EVM, 802.11g @ 54 Mbps OFDM
17
dBm
Output Power level 1.75% Dynamic EVM, 256 QAM, 40 MHz
15
dBm
Output Power level 2.5% Dynamic EVM, 802.11n, HT40
16
dBm
GGain
22
24
dB
RLIN
Input return loss at TX port
14
dB
VDET
Power detector output voltage 5<POUT<22 dBm
0.4
0.95
V
2f, 3f, 4f, 5f
Harmonics at 17 dBm
-30
dBm/
MHz
TABLE 5-4:
RX CHAIN RF CHARACTERISTICS AT 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2.4
2.5
GHz
G
Gain, with LNA ON
13
dB
NF
Noise figure, with LNA ON
2.5
dB
IP1dB
Input P1dB, with LNA ON
-6
dBm
Loss
LNA bypassed
9dB
RLIN
Input return loss at Antenna port with LNA
12
dB
TABLE 5-5:
BLUETOOTH CHAIN RF CHARACTERISTICS AT 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2.4
2.5
GHz
L
Loss
1.0
dB
RL
Return Loss
12
dB
TABLE 5-6:
CONTROL VOLTAGES1
1. No other operating modes are allowed
Function
PEN
CRX
LEN
CBT
Transmit mode
3.1V
00
0
Bluetooth
00
0
3
Receive mode, LNA on
03
3
0
Receive mode, LNA bypass
03
0
0
OFF
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com