Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 5 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 5 Page - Microchip Technology

  SST12LP19E Datasheet HTML 1Page - Microchip Technology SST12LP19E Datasheet HTML 2Page - Microchip Technology SST12LP19E Datasheet HTML 3Page - Microchip Technology SST12LP19E Datasheet HTML 4Page - Microchip Technology SST12LP19E Datasheet HTML 5Page - Microchip Technology SST12LP19E Datasheet HTML 6Page - Microchip Technology SST12LP19E Datasheet HTML 7Page - Microchip Technology SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005041C
05/13
5
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP19E
Data Sheet
Pin Descriptions
Table 1: Pin Description, 8-contact XSON (QX8)
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
Low inductance ground pad
VCC1
1
Power Supply
PWR
Power supply, 1st stage
RFIN
2
I
RF input, DC decoupled
VCCb
3
Power Supply
PWR
Supply voltage for bias circuit
VREF
4
PWR
1st and 2nd stage idle current control
Det
5
O
On-chip power detector
RFOUT
6
O
RF output
RFOUT
7
O
RF output
VCC2
8
Power Supply
PWR
Power supply, 2nd stage
T1.0 75041
Table 2: Pin Description, 6-contact XSON (QX6) and 6-contact X2SON(NR)
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
GND
0
Ground
Low inductance ground pad
VCC1
1
Power Supply
PWR
Power supply, 1st stage
RFIN
2
I
RF input, DC decoupled
VCCb
3
Power Supply
PWR
Supply voltage for bias circuit
VREF
4
PWR
1st and 2nd stage idle current control
Det
5
O
On-chip power detector
VCC2/ RFOUT
6
Power Supply
PWR/O
Power supply, 2nd stage/ RF Output
T2.0 75041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com