Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 8 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST12LP19E Datasheet HTML 4Page - Microchip Technology SST12LP19E Datasheet HTML 5Page - Microchip Technology SST12LP19E Datasheet HTML 6Page - Microchip Technology SST12LP19E Datasheet HTML 7Page - Microchip Technology SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology SST12LP19E Datasheet HTML 10Page - Microchip Technology SST12LP19E Datasheet HTML 11Page - Microchip Technology SST12LP19E Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005041C
05/13
8
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP19E
Data Sheet
Table 5: RF Characteristics at 25°C1
Symbol
Parameter
Min.
Typ
Max.
Unit
Test Conditions
FL-U
Frequency range
2412
2484
MHz
G
Small signal gain
24
25
dB
GVAR1
Gain variation over band (2412–2484 MHz)
±0.5
dB
GVAR2
Gain ripple over channel (20 MHz)
0.2
dB
2f, 3f, 4f,
5f
Harmonics at 22 dBm, without external filters
-30
dBc
EVM
Added EVM @ 19.5 dBm output power for 8-con-
tact XSON2
3
%
Figure 15
Added EVM @ 18 dBm output power for 8-contact
XSON2
2.5
3
%
Figure 16
Added EVM @ 19.5 dBm output power for 6-con-
tact XSON/X2SON2
3
%
Figure 17
Added EVM @ 18 dBm output power for 6-contact
XSON/X2SON2
2.5
3
%
Figure 18
POUT
(802.11g
MASK)
Output power to meet Spectrum Mask for 8-contact
XSON2
22.5
23.5
dBm
Figure 15
Output power to meet Spectrum Mask for 8-contact
XSON2
21
22
dBm
Figure 16
Output power to meet Spectrum Mask for 6-contact
XSON/X2SON2
22.5
23.5
dBm
Figure 17
Output power to meet Spectrum Mask for 6-contact
XSON/X2SON2
21
22
dBm
Figure 18
POUT
(802.11b
MASK)
Output power to meet Spectrum Mask for 8-contact
XSON3
22
23
dBm
Figure 15
Output power to meet Spectrum Mask for 8-contact
XSON3
21
22
dBm
Figure 16
Output power to meet Spectrum Mask for 6-contact
XSON/X2SON3
22
23
dBm
Figure 17
Output power to meet Spectrum Mask for 6-contact
XSON/X2SON3
21.5
22.5
dBm
Figure 18
T5.2 75041
1. EVM measured with “sequence-only” equalizer channel estimation
2. 802.11g OFDM 54 Mbps signal
3. 802.11b DSSS 1 Mbps signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com