Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 7 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Power, High-Gain Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST12LP19E Datasheet HTML 3Page - Microchip Technology SST12LP19E Datasheet HTML 4Page - Microchip Technology SST12LP19E Datasheet HTML 5Page - Microchip Technology SST12LP19E Datasheet HTML 6Page - Microchip Technology SST12LP19E Datasheet HTML 7Page - Microchip Technology SST12LP19E Datasheet HTML 8Page - Microchip Technology SST12LP19E Datasheet HTML 9Page - Microchip Technology SST12LP19E Datasheet HTML 10Page - Microchip Technology SST12LP19E Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
©2013 Silicon Storage Technology, Inc.
DS70005041C
05/13
7
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP19E
Data Sheet
Table 4: DC Electrical Characteristics at 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit Test Conditions
VCC
Supply Voltage at pins1, 3, and 8 for 8-contact XSON
3.0
3.3
4.2
V
Figures15and16
Supply Voltage at pins 1, 3, 6 for 6-contact XSON/
X2SON
3.0
3.3
4.2
V
Figures17and18
ICQ
Idle current to meet EVM ~3% @ 19.5 dBm for 8-contact
XSON1
60
mA
Figure 15
Idle current to meet EVM ~2.5% @ 18 dBm for 8-contact
XSON1
45
Figure 16
Idle current to meet EVM ~3% @ 19.5 dBm for 6-contact
XSON/X2SON1
50
mA
Figure 17
Idle current to meet EVM ~2.5% @ 18 dBm for 6-contact
XSON/X2SON1
45
mA
Figure 18
ICC
(802.11g)
Current consumption to meet EVM ~3% @ 19.5 dBm for
8-contact XSON1
130
mA
Figure 15
Current consumption to meet EVM ~2.5% @18 dBm for 8-
contact XSON1
92
mA
Figure 16
Current consumption to meet EVM ~3% @ 19.5 dBm for
6-contact XSON/X2SON1
132
mA
Figure 17
Current consumption to meet EVM ~2.5% @18 dBm for 6-
contact XSON/X2SON1
90
mA
Figure 18
ICC
(802.11g
Mask)
Current consumption to meet Spectrum Mask @23.5 dBm for
8-contact XSON1
200
mA
Figure 15
Current consumption to meet Spectrum Mask @22 dBm for 8-
contact XSON1
140
mA
Figure 16
Current consumption to meet Spectrum Mask @23.5 dBm for
6-contact XSON/X2SON1
190
mA
Figure 17
Current consumption to meet Spectrum Mask @22 dBm for 6-
contact XSON/X2SON1
138
mA
Figure 18
ICC
(802.11b
Mask)
Current consumption to meet Spectrum Mask @23 dBm for
8-contact XSON2
195
mA
Figure 15
Current consumption to meet Spectrum Mask @22 dBm for
8-contact XSON2
140
mA
Figure 16
Current consumption to meet Spectrum Mask @23 dBm for
6-contact XSON/X2SON2
185
mA
Figure 17
Current consumption to meet Spectrum Mask @22.5 dBm for
6-contact XSON/X2SON2
150
mA
Figure 18
VREG
Reference Voltage for 8-contact XSON with no resistor
2.75
2.85
2.95
V
Figure 15
Reference Voltage for 8-contact XSON with300
Ω resis-
tor
2.75
2.85
2.95
V
Figure 16
Reference Voltage for 6-contact XSON/X2SON with
200
Ω resistor
2.75
2.85
2.95
V
Figure 17
Reference Voltage for 6-contact XSON/X2SON with
360
Ω resistor
2.75
2.85
2.95
V
Figure 18
T4.2 75041
1. 802.11g OFDM 54 Mbps signal
2. 802.11b DSSS 1 Mbps signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com