Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1272A Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1272A
Description  3-Pin Reset Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1272A Datasheet(HTML) 3 Page - Microchip Technology

  TC1272A Datasheet HTML 1Page - Microchip Technology TC1272A Datasheet HTML 2Page - Microchip Technology TC1272A Datasheet HTML 3Page - Microchip Technology TC1272A Datasheet HTML 4Page - Microchip Technology TC1272A Datasheet HTML 5Page - Microchip Technology TC1272A Datasheet HTML 6Page - Microchip Technology TC1272A Datasheet HTML 7Page - Microchip Technology TC1272A Datasheet HTML 8Page - Microchip Technology TC1272A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2004-2012 Microchip Technology Inc.
DS21877B-page 3
TC1272A
2.0
TYPICAL PERFORMANCE CHARACTERISTICS
FIGURE 2-1:
Supply Current vs.
Temperature.
FIGURE 2-2:
Supply Current vs.
Temperature.
FIGURE 2-3:
Power-up Reset Time Out
vs. Temperature.
FIGURE 2-4:
Normalized Reset
Threshold vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
2
4
6
8
10
12
14
16
18
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
VDD = 1V
VDD = 3V
VDD = 5V
TC1272A/R/S/T/Z, No Load
0
2
4
6
8
10
12
14
16
-40
-20
0
20406080
100
120
Temperature (°C)
VDD = 5V
VDD = 3V
VDD = 1V
TC1272A/L/M/J, No Load
0
50
100
150
200
250
300
350
400
450
-40
-20
0
20406080
100
120
Temperature (°C)
0.997
0.998
0.999
1
1.001
-40
-20
0
20406080
100
120
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com