Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1272A Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1272A
Description  3-Pin Reset Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1272A Datasheet(HTML) 2 Page - Microchip Technology

  TC1272A Datasheet HTML 1Page - Microchip Technology TC1272A Datasheet HTML 2Page - Microchip Technology TC1272A Datasheet HTML 3Page - Microchip Technology TC1272A Datasheet HTML 4Page - Microchip Technology TC1272A Datasheet HTML 5Page - Microchip Technology TC1272A Datasheet HTML 6Page - Microchip Technology TC1272A Datasheet HTML 7Page - Microchip Technology TC1272A Datasheet HTML 8Page - Microchip Technology TC1272A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC1272A
DS21877B-page 2
 2004-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage (VDD to GND) ..........................................6.0V
RESET .................................................. –0.3V to (VDD +0.3V)
Input Current, VDD.........................................................20 mA
Output Current, RESET ................................................20 mA
dV/dt (VDD)............................................................. 100V/µsec
Operating Temperature Range..................... –40°C to +125°C
Power Dissipation (TA = 70°C):
3-Pin SOT-23B (derate 4 mW/°C above +70°C) ....320 mW
Storage Temperature Range ........................ –65°C to +150°C
Maximum Junction Temperature, T
J.............................. 150°C
† Notice: Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
PIN FUNCTION TABLE
NAME
FUNCTION
GND
Ground
RESET
RESET push-pull output remains
low while VDD is below the reset
voltage threshold and for 140 msec
(min.) after VDD rises above reset
threshold
VDD
ELECTRICAL CHARACTERISTICS
VDD = Full Range, TA = Operating Temperature Range, unless otherwise noted. Typical values are at TA = +25°C,
VDD = 5V for L/M/J, 3.3V for T/S, 3.0V for R and 2.5V for Z (Note 1).
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
VDD Range
1.0
—
5.5
V
TA = 0°C to +70°C
1.2
—
5.5
TA = – 40°C to +125°C
Supply Current
ICC
—12
30
µA
TC1272AL/M/J:
VDD < 5.5V
—9
25
TC1272AR/S/T/Z: VDD < 3.6V
Reset Threshold (Note 2)
VTH
4.56
4.63
4.70
V
TC1272AL:
TA = +25°C
4.50
—
4.75
TA = – 40°C to +125°C
4.31
4.38
4.45
V
TC1272AM:
TA = +25°C
4.25
—
4.50
V
TA = – 40°C to +125°C
3.93
4.00
4.06
V
TC1272AJ:
TA = +25°C
3.89
—
4.10
V
TA = – 40°C to +125°C
3.04
3.08
3.11
V
TC1272AT:
TA = +25°C
3.00
—
3.15
V
TA = – 40°C to +125°C
2.89
2.93
2.96
V
TC1272AS:
TA = +25°C
2.85
—
3.00
V
TA = – 40°C to +125°C
2.59
2.63
2.66
V
TC1272AR:
TA = +25°C
2.55
—
2.70
V
TA = – 40°C to +125°C
2.28
2.32
2.35
V
TC1272AZ:
TA = +25°C
2.25
—
2.38
V
TA = – 40°C to +125°C
Reset Threshold Tempco
—
30
—
ppm/°C
VDD to Reset Delay,
—
65
—
µsec
VDD = VTH to (VTH – 100 mV) (Note 2)
Reset Active Time Out
Period
140
320
560
msec
RESET Output Voltage
Low
VOL
——
0.3
V
TC1272AR/S/T/Z:
VDD = VTH min, ISINK = 1.2 mA
——
0.4
TC1272AL/M/J:
VDD = VTH min, ISINK = 3.2 mA
——
0.3
VDD > 1.0V, ISINK = 50 µA
RESET Output Voltage
High
VOH
0.8 VDD
——
V
TC1272AR/S/T/Z: VDD > VTH max,
ISOURCE = 500 µA
VDD – 1.5
—
—
TC1272AL/M/J: VDD > VTH max, ISOURCE = 800 µA
Note
1: Production testing done at T
A = +25°C, overtemperature limits ensured by QC screen.
2: RESET Output for TC1272A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com