Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1272A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1272A
Description  3-Pin Reset Monitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1272A Datasheet(HTML) 1 Page - Microchip Technology

  TC1272A Datasheet HTML 1Page - Microchip Technology TC1272A Datasheet HTML 2Page - Microchip Technology TC1272A Datasheet HTML 3Page - Microchip Technology TC1272A Datasheet HTML 4Page - Microchip Technology TC1272A Datasheet HTML 5Page - Microchip Technology TC1272A Datasheet HTML 6Page - Microchip Technology TC1272A Datasheet HTML 7Page - Microchip Technology TC1272A Datasheet HTML 8Page - Microchip Technology TC1272A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2004-2012 Microchip Technology Inc.
DS21877B-page 1
TC1272A
Features
• Precision VDD Monitor
• 140 msec Minimum RESET, Output Duration
• Output Valid to VDD = 1.2V
•VDD Transient Immunity
• Small 3-Pin SOT-23B Package
• No External Components
Applications
• Computers
• Embedded Systems
• Battery-Powered Equipment
• Critical µP Power Supply Monitoring
Typical Application Circuit
General Description
The TC1272A are cost-effective system supervisor
circuits designed to monitor VDD in digital systems and
provide a reset signal to the host processor, when
necessary. No external components are required.
The reset output is driven active within 65 µsec (typ.)
of VDD falling through the reset voltage threshold.
RESET is maintained active for a minimum of
140 msec after VDD rises above the reset threshold.
The TC1272A has a complimentary output. The output
of the TC1272A is valid down to VDD = 1.2V. The
device is available in a 3-Pin SOT-23B package.
The TC1272A device is optimized to reject fast
transient glitches on the VDD line.
Package Type
TC1272A
VDD
VDD
VDD
RESET
RESET
Input
Processor
1
2
3
GND
GND
VDD
RESET
GND
TC1272A
1
2
3
Note: 3-Pin SOT-23B is equivalent to
3-Pin SOT-23B*
JEDEC TO-236.
3-Pin Reset Monitor


Similar Part No. - TC1272A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1272A MICROCHIP-TC1272A Datasheet
223Kb / 12P
3-Pin Reset Monitor
02/17/04
TC1272AJVNBTR MICROCHIP-TC1272AJVNBTR Datasheet
223Kb / 12P
3-Pin Reset Monitor
02/17/04
TC1272ALVNBTR MICROCHIP-TC1272ALVNBTR Datasheet
223Kb / 12P
3-Pin Reset Monitor
02/17/04
TC1272AMVNBTR MICROCHIP-TC1272AMVNBTR Datasheet
223Kb / 12P
3-Pin Reset Monitor
02/17/04
TC1272ARVNBTR MICROCHIP-TC1272ARVNBTR Datasheet
223Kb / 12P
3-Pin Reset Monitor
02/17/04
More results

Similar Description - TC1272A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
logo
List of Unclassifed Man...
CYT809 ETC2-CYT809 Datasheet
170Kb / 4P
3-Pin Microprocessor Reset Monitor (Preliminary)
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
logo
YOBON TECHNOLOGIES,INC.
YB1921 YOBON-YB1921 Datasheet
149Kb / 5P
3-Pin Microprocessor Reset Monitor
logo
Seaward Electronics Inc...
SE809 SEAWARD-SE809 Datasheet
184Kb / 5P
3-Pin Microprocessor Reset Monitor
logo
Microchip Technology
TC1272ARVNBTR MICROCHIP-TC1272ARVNBTR Datasheet
223Kb / 12P
3-Pin Reset Monitor
02/17/04
logo
Seaward Electronics Inc...
SE810 SEAWARD-SE810 Datasheet
209Kb / 6P
3-Pin Microprocessor Reset Monitor
SE811 SEAWARD-SE811 Datasheet
235Kb / 8P
4-Pin Microprocessor Reset Monitor
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
3-Pin Microprocessor Reset Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com