Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3JQ250-R Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 3JQ250-R
Description  BEL TYPE 2JQ/3JQ QUICK ACTING FUSE SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3JQ250-R Datasheet(HTML) 3 Page - Bel Fuse Inc.

  3JQ250-R Datasheet HTML 1Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 2Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 3Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pb
Type 2JQ / 3JQ
Quick Acting Fuse Series
5 x 15 mm Glass Tube
RoHS 6 Compliant
JQ May2012C
Pb
100
110
120
130
140
Temperature Derating Curve
Average Time Current Curve
50
60
70
80
90
100
-75 -65 -55 -45 -35 -25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125 135 145
Ambient Temperature [oC]
Soldering Parameters
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 ‧
‧
‧
‧Tel: 201-432-0463 ‧
‧
‧
‧Fax: 201-432-9542 ‧
‧
‧
‧E-Mail: belfuse@belf.com
Website: www.belfuse.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com