Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3JQ250-R Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # 3JQ250-R
Description  BEL TYPE 2JQ/3JQ QUICK ACTING FUSE SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3JQ250-R Datasheet(HTML) 4 Page - Bel Fuse Inc.

  3JQ250-R Datasheet HTML 1Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 2Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 3Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Physical Specifications
Type 2JQ / 3JQ
Quick Acting Fuse Series
5 x 15 mm Glass Tube
RoHS 6 Compliant
Pb
JQ May2012D
Physical Specifications
Environmental Specifications
Mechanical Dimensions
Ordering Information
* Diameter lead 0.032" for all ratings
Specifications subject to change without notice
Packaging
CORPORATE OFFICE
FAR EAST OFFICE
EUROPE OFFICE
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
Bel Stewart GmbH
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre Industriestrasse 20
Packaging Option
Packaging Specification
Quantity
Packaging Code
Inside Tape Spacing
Bulk (bag)
N/A
200
01
N/A
Bulk (Pigtail Type)
N/A
500
11
N/A
Bulk (Pigtail Type) with Insulation Sleeve
N/A
500
41
N/A
Tape & Reel, 10 mm Pitch
EIA-296-F
1500
12
53
Tape & Reel with Insulation Sleeve,10 mm Pitch
EIA-296-F
1500
42
53
206 Van Vorst Street
8/F Luk Hop Industrial Building
Preston Technology Management Centre Industriestrasse 20
Jersey City, NJ 07302
8 Luk Hop Street
Marsh Lane, Suite F15
61381 Friedrichsdorf
Tel 201-432-0463
San Po Kong
Preston, Lancashire, PR1 8UQ
Germany
Fax 201-432-9542  
Kowloon, Hong Kong
United Kingdom
Tel 49-6172-9552-0
E-Mail: belfuse@belf.com
Tel 852-2328-5515
Tel 44-1772-556601
Fax 49-6172-9552-40  
Website: www. belfuse.com
Fax 852-2352-3706  
Fax 44-1772-561008  



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com