Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3JQ250-R Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 3JQ250-R
Description  BEL TYPE 2JQ/3JQ QUICK ACTING FUSE SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3JQ250-R Datasheet(HTML) 1 Page - Bel Fuse Inc.

  3JQ250-R Datasheet HTML 1Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 2Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 3Page - Bel Fuse Inc. 3JQ250-R Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type 2JQ / 3JQ
5 x 15mm Glass Tube
RoHS 6 Compliant
Type 2JQ / 3JQ
Quick Acting Fuse Series
Pb
JQ May 2012D
Description
2JQ / 3JQ Series, 5 x 15mm Quick Acting Fuse
5x15 mm Quick Acting,glass tube body cartridge fuse
designed, approved and complied with UL and CSA
standard 248-14.
Description
Electrical Characteristics (UL / CSA STD.248-14)
Features
- Meet UL and CSA standard 248-14
- Wide operating temperature range
- Bulk and Tape & Reel packing available
- RoHS6 compliant
- Halogen Free
- Leadfree
AMPERE RANGE / VOLT @
I.R.ABILITY
SAFETY
AGENCY
SAFETY AGENCY
CERTIFICATE
NUMBER
Safety Agency Approvals
Applications
- Leadfree
Provide individual protection for components or internal
circuits.
- Power Supplies
- Battery charger
- Monitor
LEAD FREE =
Pb
HALOGEN FREE =
HF
100mA - 7A / 350V AC @100A
100mA - 7A / 140V DC @150A
1A - 5A / 125V AC @500A
JET 1037-31003-1010
JET 1037-31003-1011
E20624
JET 1037-31003-1007
>5A - 15A / 125V AC @300A
100mA - 7A / 350V AC @100A
I.R.ABILITY
LR39772
AGENCY
NUMBER
- Monitor
- Adapter
HALOGEN FREE =
HF
JET 1037-31003-1007
>5A - 15A / 125V AC @300A
100mA - 7A / 350V AC @100A
100mA - 7A / 140V DC @150A
Specifications Subject to change without notice.
Website: www.belfuse.com
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 ‧Tel: 201-432-0463 ‧Fax: 201-432-9542 ‧E-Mail: belfuse@belf.com


Similar Part No. - 3JQ250-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3JQ BEL-3JQ Datasheet
99Kb / 2P
Quick Acting Fuse Series
3JQ BEL-3JQ Datasheet
1Mb / 4P
Quick Acting Fuse Series
More results

Similar Description - 3JQ250-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2JQ BEL-2JQ Datasheet
99Kb / 2P
Quick Acting Fuse Series
MQ100 BEL-MQ100 Datasheet
89Kb / 2P
Quick Acting Micro Fuse
MQ100 BEL-MQ100 Datasheet
1Mb / 4P
QUICK ACTING MICRO FUSE
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
QUICK ACTING FUSE SERIES
2JQ BEL-2JQ_16 Datasheet
1Mb / 4P
Quick Acting Fuse Series
5HF BEL-5HF_16 Datasheet
1Mb / 4P
Quick Acting Fuse Series
5SF BEL-5SF_16 Datasheet
1Mb / 4P
Quick Acting Fuse Series
0657P BEL-0657P Datasheet
1Mb / 4P
Quick Acting Fuse Series
0057R0100-01 BEL-0057R0100-01 Datasheet
1Mb / 4P
Type 2JQ / 3JQ Quick-Acting Fuse Series
0657P2000-XX BEL-0657P2000-XX Datasheet
378Kb / 4P
Type 0657P Quick Acting Fuse Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com