Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS220 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PDBFS220
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS220 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PDBFS220 Datasheet HTML 1Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 2Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 3Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 4Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 5Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 6Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 7Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 8Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Table of Contents
Page
Selection Table . ........................... 2
Power Distribution Blocks
PDBFS Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3-8
PDB Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9-12
Terminal Blocks
16XXX Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13-15
14002-3-UL, TB300-03SP-UL, NDN63-WH-UL,
NDN111-WH-UL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16-18
Application Notes . . . . . . . . . . . . . . . . . . . . . . . .19-23
TOOLS TO ASSIST
Panel Layout
2D and 3D CAD files for some products to facilitate panel
layouts found at www.cooperbussmann.com
Engineering Services for SCCR
OSCAR™ Compliance Software Eliminates the Guesswork in
Assembly Short-Circuit Current Rating (SCCR) Calculations.
The Cooper Bussmann innovative OSCAR™ Compliance
Software assists customer compliance with new Code and
standards requirements for short-circuit current ratings as they
relate to industrial control panels, equipment and assemblies.
Go to www.cooperbussmann.com
SCCR Panel Design Review for Improving Your Assembly
SCCR. If your SCCR needs improvement, contact the Cooper
Bussmann team for a design review. We guarantee our panel
SCCR review service for UL508A Supplement SB pre-certifica-
tion.
Other Application Information on SCCR
Publications:
• Advanced Guide To Understanding Assembly Short-Circuit
Current Rating
• Simplified Guide To Understanding Short-Circuit Current
Rating – Find It, Fix It, Forget it
• SPD (Selecting Protective Devices) Sections on Industrial
Control Panels and also Conductor & Terminations.
Technical Assistance
Application Engineering
Application Engineering assistance is available to
customers. The Application Engineering team is staffed by
engineers and available by phone with technical and
application support Monday – Friday, 8:00 a.m. – 5:00 p.m.
Central Time.
Application Engineering can be reached via phone, fax or
email:
• Phone: 636-527-1270
• Fax: 636-527-1607
• E-mail: fusetech@cooperbussmann.com
Online Resources
Visit www.cooperbussmann.com for the following
resources:
• Arc-flash calculator
• OSCAR™ compliance software
• Training modules
Services
• Engineering
• Training
• Testing
Contact us for more information on Services:
• Phone: 636-207-3294
• E-mail: services@cooperbussmann.com
Power Distribution Blocks & Terminal Blocks with High
Short-Circuit Current Ratings
1011
SB-BU09622
Page 1 of 23
Data Sheet 1049


Similar Part No. - PDBFS220

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PDBFS220 COOPER-PDBFS220 Datasheet
164Kb / 2P
Enclosed Power Distribution Block Offer High SCCR
More results

Similar Description - PDBFS220

ManufacturerPart #DatasheetDescription
logo
Altech corporation
38049 ALTECH-38049 Datasheet
120Kb / 2P
ONE PHASE POWER DISTRIBUTION BLOCKS
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
Power Distribution Blocks
logo
Molex Electronics Ltd.
39950-01 MOLEX-39950-01 Datasheet
146Kb / 2P
600V High-Power Terminal Blocks
logo
Cooper Bussmann, Inc.
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16200-1 COOPER-16200-1 Datasheet
197Kb / 3P
Power Distribution & Terminal Blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
ferrule power distribution fuse blocks
logo
Littelfuse
GDB LITTELFUSE-GDB Datasheet
368Kb / 10P
Global Distribution Blocks
LFD25703Z LITTELFUSE-LFD25703Z Datasheet
1Mb / 8P
Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
logo
Altech corporation
38680 ALTECH-38680 Datasheet
1Mb / 3P
UL1953 Power Distribution Blocks
logo
ABB
1SNA356103R0400 ABB-1SNA356103R0400 Datasheet
54Kb / 3P
DBTI Distribution Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com