Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS220 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # PDBFS220
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS220 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  PDBFS220 Datasheet HTML 1Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 2Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 3Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 4Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 5Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 6Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 7Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 8Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Feature/Benefits
• Enclosed for enhanced
safety; IP-20 finger-safe
under specific conditions,
see page 8
• High Short-Circuit Current
Ratings up to 200,000A:
PDBs do not have to be
a weak link in achieving a
high SCCR for an
industrial control panel
• Suitable for installation in
wireways and industrial
control panel feeder and branch circuits. Listed to UL1953
which has minimum spacing requirements at 600V of at least
1” through air and 2” over surface
• Small footprint saves panel space. Stack side by side and still
meet 1˝ and 2˝ spacing requirements
• For 2D and 3D CAD drawings visit www.cooperbussmann.com
Agency/Standards
• UL Listed 1953, Guide QPQS, File E256146
• CSA Certified, Class 6228-01, File 15364
• CE component IEC 60947-7-1
• IEC 60529, IP-20 (Finger Safe) under specific conditions,
see page 8
Electrical
• 600Vac or dc (UL 1953), 690Vac or dc (IEC)
• Short-Circuit Current Ratings up to 200kA, see table below
• Ampacities up to 760 Amps
• 75ºC rated connectors
• CU Wire range 14 AWG to 500 kcmil or 2.5 to 240 mm
2
Mechanical
• DIN rail or panel mount; PDBFS330 & PDBFS504 panel
mount only
• Captive termination screws; screws do not get misplaced
• Wire ready: captive termination screws shipped backed out
to save time on conductor installation
• Sliding DIN rail latch for easy mounting
• Single pole, gang mountable for multiple pole applications
with interlocking dovetail accessory (optional Part 2A1279)
One pin interlocks two units, two pins to interlock three units
(see illustration on page 6)
• Flammability, UL 94V0
• Tin-plated AL connectors suitable for CU conductors
• Elongated hole for panel mounting; easier mounting with
greater flexibility in matching up with drilled panel holes
• DIN rail end anchors required to prevent damage to block
when torquing, anchors not offered by Cooper Bussmann
Terminal Copper Conductor Capability
Short-Circuit Current Rating Data
Line
Load
Configuration
Conductors
Max Fuse Class & Amp**
Catalog
Number
Openings per Pole
Line
Load
J
T
RK1
RK5
(All Single
Amps
Wire Range
Wire Range
AWG or
AWG or
LPJ
JJS
LPS-RK
FRS-R
SCCR
Pole)
Line
Load
kcmil
kcmil
JJN
LPN-RK
FRN-R
PDBFS204
175A
2/0 to 8 AWG
2/0 to 8 AWG
2/0 to 8
2/0 to 8 200
200
100
60
200kA
70 to 10 mm
2
70 to 10 mm
2
2/0 to 8 AWG
4 to 14 AWG
4 to 12
200
200
100
60
200kA
PDBFS220
175A
70 to 10 mm
2
25 to 2.5 mm
2
2/0 to 8
4 to 14
175
175
100
30
100kA
200
200
100
60
50kA
350kcmil to 6 AWG 350kcmil to 6 AWG
PDBFS303
310A
150 to 16 mm
2
150 to 16 mm
2
350 to 6
350 to 6 400
400
200
100
200kA
500kcmil to 6 AWG
2 to 14 AWG
2 to 6
400
400
200
100
200kA
PDBFS330
380A
240 to 16 mm
2
35 to 2.5 mm
2
500 to 6
2 to 14
200
200
100
60
50kA
175
175
100
30
100kA
300kcmil to 4 AWG
4 to 14 AWG
300
4 to 8
600
600
400
200
200kA
PDBFS377
570A
150 to 12 mm
2
25 to 2.5 mm
2
300 to 4
4
400
400
200
100
100kA
4 to 14
200
200
100
60
50kA
PDBFS500
620A
350kcmil to 4 AWG 350kcmil to 4 AWG
350 to 4
350 to 4 600
600
400
200
200kA
185 to 12 mm
2
185 to 12 mm
2
500kcmil to 6 AWG 500kcmil to 6 AWG
500
500
600
800*
600
200
200kA
PDBFS504
760A
240 to 16 mm
2
240 to 16 mm
2
500 to 6
500 to 6 600
600
400
200
100kA
Ampacities 75C per NEC® Table 310.16 and UL508A Table 28.1
*Class L 800A (KRP-C 800_SP) or less fuses suitable for this particular SCCR case.
** Class G 60A (SC-60) or less or Class CC 30A (LP-CC-30, FNQ-R-30, KTK-R-30) or less are suitable for all SCCRs in this table.
Series PDBFS
Electrical
Series PDBFS Enclosed Power Distribution Blocks
1011
SB-BU09622
Page 3 of 23
Data Sheet 1049



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com