Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS220 Datasheet(PDF) 16 Page - Cooper Bussmann, Inc.

Part # PDBFS220
Description  Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS220 Datasheet(HTML) 16 Page - Cooper Bussmann, Inc.

Back Button PDBFS220 Datasheet HTML 12Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 13Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 14Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 15Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 16Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 17Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 18Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 19Page - Cooper Bussmann, Inc. PDBFS220 Datasheet HTML 20Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Short-Circuit Current Rating Data
Max. Fuse Class and Amp**
CU Wire
Torque
(1) CU Wire
J
T
RK1
RK5
Minimum
Part Number
Amps
Range
lb-in
Range
SCCR
Enclosure
Line & Load
MAX.
AWG
LPJ
JJS
LPS-RK
FRS-R
Size
JJN
LPN-RK
FRN-R
2 to 3 AWG
50
2 to 8
200
200
100
60
200kA
4 to 6 AWG
45
14002-3-UL
115
8 AWG
35
2 to 14
175
175
100
60
100kA
8˝ x 8˝ x 4˝
10 to 14 AWG
35
TB300-03SP-UL
30
10 to 18 AWG
16
10 to 18
60
60
60
—
100kA
8˝ x 8˝ x 4˝
NDN63-WH-UL
65
6 to 18 AWG
35
6 to 18
100
100
60
30
100kA
8˝ x 8˝ x 4˝
NDN111-WH-UL
90
2 to 18 AWG
32
2 to 18
200
200
200
60
100kA
8˝ x 8˝ x 4˝
**Class G 60A (SC-60) or less or Class CC 30A (LP-CC-30, FNQ-R-30, KTK-R-30) or less are suitable for all SCCRs in this table
14002-3-UL
Barrier Terminal Block
Agency/Standards
• UL 1059 Recognized, Guide XCFR2, File E62622
• General Industry Class per UL 1059, usage category C
Electrical
• 600Vac or dc
• Short-Circuit Current Rating up to 200kA, See table
• 75ºC rated connectors, 115A ampacity
• Wire range 2 to 4 AWG CU
Mechanical
• Panel mount
• 3 pole configuration
• Flammability, UL94 HB
1.250
(31.75)
0.375
(9.52)
0.625
(15.88)
0.875
(22.23)
0.750
(19.05)
2.375
(60.32)
1011
SB-BU09622
Page 16 of 23
Data Sheet 1049
Terminal Blocks With High Short-Circuit Current Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com