Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9943KCPRL Datasheet(PDF) 1 Page - Analog Devices

Part # AD9943KCPRL
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9943KCPRL Datasheet(HTML) 1 Page - Analog Devices

  AD9943KCPRL Datasheet HTML 1Page - Analog Devices AD9943KCPRL Datasheet HTML 2Page - Analog Devices AD9943KCPRL Datasheet HTML 3Page - Analog Devices AD9943KCPRL Datasheet HTML 4Page - Analog Devices AD9943KCPRL Datasheet HTML 5Page - Analog Devices AD9943KCPRL Datasheet HTML 6Page - Analog Devices AD9943KCPRL Datasheet HTML 7Page - Analog Devices AD9943KCPRL Datasheet HTML 8Page - Analog Devices AD9943KCPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Complete 10-Bit and 12-Bit, 25 MHz
CCD Signal Processors
AD9943/AD9944
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
25 MSPS correlated double sampler (CDS)
6 dB to 40 dB 10-bit variable gain amplifier (VGA)
Low noise optical black clamp circuit
Preblanking function
10-bit (AD9943), 12-bit (AD9944) 25 MSPS A/D converter
No missing codes guaranteed
3-wire serial digital interface
3 V single-supply operation
Space-saving 32-lead 5 mm × 5 mm LFCSP package
APPLICATIONS
Digital still cameras
Digital video camcorders
PC cameras
Portable CCD imaging devices
CCTV cameras
GENERAL DESCRIPTION
The AD9943/AD9944 are complete analog signal processors
for CCD applications. They feature a 25 MHz single-channel
architecture designed to sample and condition the outputs of
interlaced and progressive scan area CCD arrays. The signal
chain for the AD9943/AD9944 consists of a correlated double
sampler (CDS), a digitally controlled variable gain amplifier
(VGA), and a black level clamp. The AD9943 offers 10-bit
ADC resolution, while the AD9944 contains a true 12-bit ADC.
The internal registers are programmed through a 3-wire
serial digital interface. Programmable features include gain
adjustment, black level adjustment, input clock polarity, and
power-down modes. The AD9943/AD9944 operate from a
single 3 V power supply, typically dissipate 79 mW, and are
packaged in space-saving 32-lead LFCSP packages.
FUNCTIONAL BLOCK DIAGRAM
DATACLK
SHD
SHP
BAND GAP
REFERENCE
DOUT
CCDIN
PBLK
REFT
REFB
INTERNAL
TIMING
6dB–40dB
AVDD
DVDD
DVSS
AVSS
DRVDD
DRVSS
10
DIGITAL
INTERFACE
SDATA
SCK
SL
CLPOB
10/12
CDS
VGA
CLP
AD9943/AD9944
CONTROL
REGISTERS
10-/12-BIT
ADC
Figure 1. Functional Block Diagram


Similar Part No. - AD9943KCPRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9943KCPZ AD-AD9943KCPZ Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9943KCPZRL AD-AD9943KCPZRL Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results

Similar Description - AD9943KCPRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9807 AD-AD9807 Datasheet
240Kb / 24P
Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
REV.0
AD9845B AD-AD9845B Datasheet
441Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV.A
logo
Exar Corporation
XRD9820 EXAR-XRD9820 Datasheet
1Mb / 24P
3-Channel, 10/12-Bit Linear CCd and CIS Sensor signal Processors
logo
Analog Devices
AD9945 AD-AD9945 Datasheet
222Kb / 16P
Complete 12-Bit 40 MHz CCD Signal Processor
11/03-Data Sheet changed from REV. 0 to REV. A
logo
Agamem Microelectronic ...
AA88043 AGAMEM-AA88043 Datasheet
45Kb / 1P
COMPLETE 10-Bit, 25MHz CCD SIGNAL PROCESSOR
logo
Analog Devices
ADDI7100 AD-ADDI7100 Datasheet
364Kb / 20P
Complete, 12-Bit, 45 MHz CCD Signal Processor
REV. C
AD9845A AD-AD9845A_15 Datasheet
275Kb / 22P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. 0
AD9845B AD-AD9845B_15 Datasheet
264Kb / 24P
Complete 12-Bit 30 MSPS CCD Signal Processor
REV. B
AD9943 AD-AD9943_15 Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
AD9944 AD-AD9944_15 Datasheet
336Kb / 20P
Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com