Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6402B Datasheet(PDF) 27 Page - Microchip Technology

Part # SST38VF6402B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B Datasheet(HTML) 27 Page - Microchip Technology

Back Button SST38VF6402B Datasheet HTML 23Page - Microchip Technology SST38VF6402B Datasheet HTML 24Page - Microchip Technology SST38VF6402B Datasheet HTML 25Page - Microchip Technology SST38VF6402B Datasheet HTML 26Page - Microchip Technology SST38VF6402B Datasheet HTML 27Page - Microchip Technology SST38VF6402B Datasheet HTML 28Page - Microchip Technology SST38VF6402B Datasheet HTML 29Page - Microchip Technology SST38VF6402B Datasheet HTML 30Page - Microchip Technology SST38VF6402B Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS25002B-page 27
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
TABLE 6-2:
PROGRAM/ERASE CYCLE TIMING PARAMETERS
Symbol
Parameter
Min
Max
Units
TBP
Word-Program Time
10
µs
TWBP
1
Program Buffer-to-Flash Time
40
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
30
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH
2
WE# Pulse Width High
30
ns
TCPH
2
CE# Pulse Width High
30
ns
TDS
Data Setup Time
30
ns
TCEPH
CE# Pulse Width High During Toggle Bit Polling
20
ns
TOEPH
OE# Pulse Width High During Toggle bit Polling
20
ns
TDH
2
Data Hold Time
0
ns
TIDA
2
Software ID, Volatile Protect, Non-Volatile Protect, Global Lock
Bit, Password mode, Lock Bit, Bypass Entry, and Exit Times
150
ns
TBE
Block-Erase
25
ms
TSCE
Chip-Erase
50
ms
TBUSY
2
CE# High or WE# High to RY / BY# Low
90
ns
1. Effective programming time is 2.5 µs per word if 16-words are programmed during this operation.
2. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com