Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6402B Datasheet(PDF) 8 Page - Microchip Technology

Part # SST38VF6402B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST38VF6402B Datasheet HTML 4Page - Microchip Technology SST38VF6402B Datasheet HTML 5Page - Microchip Technology SST38VF6402B Datasheet HTML 6Page - Microchip Technology SST38VF6402B Datasheet HTML 7Page - Microchip Technology SST38VF6402B Datasheet HTML 8Page - Microchip Technology SST38VF6402B Datasheet HTML 9Page - Microchip Technology SST38VF6402B Datasheet HTML 10Page - Microchip Technology SST38VF6402B Datasheet HTML 11Page - Microchip Technology SST38VF6402B Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
DS25002B-page 8
Preliminary
 2013 Microchip Technology Inc.
4.0
DEVICE OPERATION
The memory operations functions of these devices are
initiated using commands written to the device using
standard microprocessor Write sequences. A com-
mand is written by asserting WE# low while keeping
CE# low. The address bus is latched on the falling edge
of WE# or CE#, whichever occurs last. The data bus is
latched on the rising edge of WE# or CE#, whichever
occurs first.
The SST38VF6401B/6402B/6403B/6404B also have the
Auto Low Power mode which puts the device in a near-
standby mode after data has been accessed with a
valid Read operation. This reduces the IDD active read
current from typically 6 mA to typically 5 µA. The device
requires no access time to exit the Auto Low Power
mode after any address transition or control signal tran-
sition used to initiate another Read cycle. The device
does not enter Auto-Low Power mode after power-up
with CE# held steadily low, until the first address tran-
sition or CE# is driven high.
4.1
Read
The Read operation of the SST38VF6401B/6402B/
6403B/6404B is controlled by CE# and OE#, both of
which have to be low for the system to obtain data from
the outputs. CE# is used for device selection. When
CE# is high, the chip is deselected and only standby
power is consumed. OE# is the output control and is
used to gate data from the output pins. The data bus is
in high impedance state when either CE# or OE# is
high. Refer to Figure 6-1, the Read cycle timing dia-
gram, for further details.
4.2
Page Read
The Page Read operation utilizes an asynchronous
method that enables the system to read data from the
SST38VF6401B/6402B/6403B/6404B at a faster rate.
This operation allows users to read an eight-word page
of data at an average speed of 33 ns per word.
In Page Read, the initial word read from the page
requires TACC to be valid, while the remaining seven
words in the page require only TPACC. All eight words in
the page have the same address bits, A21-A3, which
are used to select the page. Address bits A2-A0 are tog-
gled, in any order, to read the words within the page.
The Page Read operation of the SST38VF6401B/
6402B/6403B/6404B is controlled by CE# and OE#.
Both CE# and OE# must be low for the system to obtain
data from the output pins. CE# controls device selec-
tion. When CE# is high, the chip is deselected and only
standby power is consumed. OE# is the output control
and is used to gate data from the output pins. The data
bus is in high impedance state when either CE# or OE#
is high. Refer to Figure 6-2, the Page Read cycle timing
diagram, for further details.
4.3
Word-Program Operation
The SST38VF6401B/6402B/6403B/6404B can be pro-
grammed on a word-by-word basis. Before program-
ming, the block where the word exists must be fully
erased. The Program operation is accomplished in
three steps. The first step is the three-byte load
sequence for Software Data Protection. The second
step is to load word address and word data. During the
Word-Program operation, the addresses are latched on
the falling edge of either CE# or WE#, whichever
occurs last. The data is latched on the rising edge of
either CE# or WE#, whichever occurs first. The third
step is the internal Program operation which is initiated
after the rising edge of the fourth WE# or CE#, which-
ever occurs first. The Program operation, once initi-
ated, will be completed within 7 µs. See Figures 6-3
and 6-4 for WE# and CE# controlled Program opera-
tion timing diagrams and Figure 6-19 for flowcharts.
During the Program operation, the only valid reads are
Data# Polling, Toggle Bits, and RY/BY#. During the
internal Program operation, the host is free to perform
additional tasks. Any commands issued during the
internal Program operation are ignored. During the
command sequence, WP# should be statically held
high or low.
When programming more than a few words, Microchip
recommends Write-Buffer Programming.
4.4
Write-Buffer Programming
The SST38VF6401B/6402B/6403B/6404B offer Write-
Buffer Programming, a feature that enables faster
effective word programming. To use this feature, write
up to 16 words with the Write-to-Buffer command, then
use the Program Buffer-to-Flash command to program
the Write-Buffer to memory.
The Write-to-Buffer command consists of between 5
and 20 write cycles. The total number of write cycles in
the Write-to-Buffer command sequence is equal to the
number of words to be written to the buffer plus four.
The first three cycles in the command sequence tell the
device that a Write-to-Buffer operation will begin.
The fourth cycle tells the device the number of words to
be written into the buffer and the block address of these
words. Specifically, the write cycle consists of a block
address and a data value called the Word Count (WC),
which is the number of words to be written to the buffer
minus one. If the WC is greater than 15, the maximum
buffer size minus 1, then the operation aborts.
For the fifth cycle, and all subsequent cycles of the
Write-to-Buffer command, the command sequence
consists of the addresses and data of the words to be
written into the buffer. All of these cycles must have the
same A21 - A4 address, otherwise the operation aborts.
The number of Write cycles required is equal to the
number of words to be written into the Write-Buffer,
which is equal to WC plus one. The correct number of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com