Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6402B Datasheet(PDF) 2 Page - Microchip Technology

Part # SST38VF6402B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B Datasheet(HTML) 2 Page - Microchip Technology

  SST38VF6402B Datasheet HTML 1Page - Microchip Technology SST38VF6402B Datasheet HTML 2Page - Microchip Technology SST38VF6402B Datasheet HTML 3Page - Microchip Technology SST38VF6402B Datasheet HTML 4Page - Microchip Technology SST38VF6402B Datasheet HTML 5Page - Microchip Technology SST38VF6402B Datasheet HTML 6Page - Microchip Technology SST38VF6402B Datasheet HTML 7Page - Microchip Technology SST38VF6402B Datasheet HTML 8Page - Microchip Technology SST38VF6402B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
DS25002B-page 2
Preliminary
 2013 Microchip Technology Inc.
a shorter erase time; therefore, the total energy con-
sumed during any Erase or Program operation is less
than alternative flash technologies.
These devices also improve flexibility while lowering
the cost for program, data, and configuration storage
applications. The SuperFlash technology provides
fixed Erase and Program times, independent of the
number of Erase/Program cycles that have occurred.
Therefore, the system software or hardware does not
have to be modified or de-rated as is necessary with
alternative flash technologies, whose Erase and Pro-
gram times increase with accumulated Erase/Program
cycles.
The SST38VF6401B/6402B/6403B/6404B also offer
flexible data protection features. Applications that
require memory protection from program and erase
operations can use the Boot Block, Individual Block
Protection, and Advanced Protection features. For
applications that require a permanent solution, the Irre-
versible Block Locking feature provides permanent
protection for memory blocks.
To meet high-density, surface mount requirements, the
SST38VF6401B/6402B/6403B/6404B
devices
are
offered in 48-lead TSOP and 48-ball TFBGA packages.
See Figures 2-1 and 2-2 for pin assignments and Table
2-1 for pin descriptions.
1.0
FUNCTIONAL BLOCK DIAGRAM
FIGURE 1-1:
FUNCTIONAL BLOCK DIAGRAM
Y-Decoder
I/O Buffers and Data Latches
1309 B1.1
Address Buffer & Latches
X-Decoder
DQ15 - DQ0
Memory Address
OE#
CE#
WE#
SuperFlash
Memory
Control Logic
WP#
RST#
RY/BY#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com