Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC520A Datasheet(PDF) 5 Page - Microchip Technology

Part # TC520A
Description  Serial Interface Adapter for TC500 A/D Converter Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC520A Datasheet(HTML) 5 Page - Microchip Technology

  TC520A_13 Datasheet HTML 1Page - Microchip Technology TC520A_13 Datasheet HTML 2Page - Microchip Technology TC520A_13 Datasheet HTML 3Page - Microchip Technology TC520A_13 Datasheet HTML 4Page - Microchip Technology TC520A_13 Datasheet HTML 5Page - Microchip Technology TC520A_13 Datasheet HTML 6Page - Microchip Technology TC520A_13 Datasheet HTML 7Page - Microchip Technology TC520A_13 Datasheet HTML 8Page - Microchip Technology TC520A_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21431C-page 5
TC520A
12
14
LOAD
Input, active low; level and edge triggered. The LOAD VALUE is clocked into the 8-bit
shift register on board the TC520A while LOAD is held low. The LOAD VALUE is then
transferred into the TC520A internal timebase counter (and becomes effective) when
LOAD is returned high. If so desired, LOAD can be momentarily pulsed low, eliminating
the need to clock a LOAD VALUE into DIN. In this case, the current state of DIN is
clocked into the TC520A timebase counter selecting either a count of 65536
(DIN = High), or count of 32768, (DIN = Low).
13
15
DV
Output, active low. DV is brought low any time the TC520A is in the AZ phase of con-
version. This occurs when, either the TC520A initiates a normal AZ phase by setting A,
B, equal to 01, or when CE is pulled high, which overrides the normal A, B sequencing
and forces an AZ state. DV is returned high when the TC520A exits AZ.
14
16
CE
Input, active low, level triggered. Conversion will be continuously performed as long as
CE remains low. Pulling CE high causes the conversion process to be halted and
forces the TC520A into the AZ mode for as long as CE remains high. CE should be
taken high whenever it is necessary to momentarily suspend conversion (for example:
to change the address lines of an input multiplexer). CE should be pulled high only
when the TC520A enters an AZ phase (i.e. when DV is low). This is necessary to avoid
excessively long integrator discharge times, which could result in erroneous conver-
sion. This pin should be grounded if unused. It should be left floating if a 0.01
F
RESET capacitor is connected to it (see Section 4.0, Typical Applications).
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
14-Pin PDIP
Pin Number
16-Pin SOIC
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com