Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC520A Datasheet(PDF) 9 Page - Microchip Technology

Part # TC520A
Description  Serial Interface Adapter for TC500 A/D Converter Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC520A Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC520A_13 Datasheet HTML 5Page - Microchip Technology TC520A_13 Datasheet HTML 6Page - Microchip Technology TC520A_13 Datasheet HTML 7Page - Microchip Technology TC520A_13 Datasheet HTML 8Page - Microchip Technology TC520A_13 Datasheet HTML 9Page - Microchip Technology TC520A_13 Datasheet HTML 10Page - Microchip Technology TC520A_13 Datasheet HTML 11Page - Microchip Technology TC520A_13 Datasheet HTML 12Page - Microchip Technology TC520A_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21431C-page 9
TC520A
FIGURE 4-3:
Typical System Application
FIGURE 4-4:
TC520A timing diagram
INT
CAZ
BUF
IN+
IN–
REF+
REF–
COM
1
4
3
OSCOUT
V+
LOAD
READ
DCLK
DIN
DOUT
CINT
CAZ
RINT
1
µF
Analog Ground
.01
µ
.01
µ
11
10
9
8
5
100k
16
OSCIN
CMPTR
B
A
DV
CE
GND
14
13
12
6
7
15
2
DGND
2
14
13
5
4
Crystal
6
7
3
CREF
12
8
10
11
9
TC520A
TC500
+5V
SI
VIN-
VIN+
SO
SK
RD
LD
10k
DV
CE
1
-5V
MCP1525
V+
CMPTR
B
A
CR–
CR+
GND
V
READ
DOUT
TRD
DCLK
TRS
LOAD
DIN
TLS
DCLK
TDLS
Read Timing
Load Timing
Read Format
READ
DOUT
DCLK
LOAD
DIN
MSB
DCLK
READ
LSB
Load Format
OVR POL MSB
LSB
TPWL
TPWH
LOAD
DIN
TLDL
Load Default Timing
TLDS
TDRS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com