Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC520A Datasheet(PDF) 1 Page - Microchip Technology

Part # TC520A
Description  Serial Interface Adapter for TC500 A/D Converter Family
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC520A Datasheet(HTML) 1 Page - Microchip Technology

  TC520A_13 Datasheet HTML 1Page - Microchip Technology TC520A_13 Datasheet HTML 2Page - Microchip Technology TC520A_13 Datasheet HTML 3Page - Microchip Technology TC520A_13 Datasheet HTML 4Page - Microchip Technology TC520A_13 Datasheet HTML 5Page - Microchip Technology TC520A_13 Datasheet HTML 6Page - Microchip Technology TC520A_13 Datasheet HTML 7Page - Microchip Technology TC520A_13 Datasheet HTML 8Page - Microchip Technology TC520A_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21431C-page 1
TC520A
Features
• Converts TC500/TC500A/TC510/TC514 to Serial
Operation
• Programmable Conversion Rate and Resolution for
Maximum Flexibility
• Supports up to 17-Bits of Accuracy Plus Polarity Bit
• Low Power Operation: Typically 7.5m
• 14-Pin PDIP or 16-Pin SOIC Packages
• Polled or Interrupt Mode Operation
Applications
• Computer Peripheral Interface
• Portable Instruments
• Data Acquisition System Interface
Device Selection Table
Package Type
General Description
The TC520A serial interface adapter provides logic
control for Microchip's TC500/TC500A/TC510/TC514
family of dual slope, integrating A/D converters. It
directly manages TC500 converter phase control sig-
nals A, B and CMPTR, thereby reducing host
processor task loading and software complexity. Com-
munication with the TC520A is accomplished over a 3
wire serial port. Key converter operating parameters
are programmable for complete user flexibility. Data
conversion is initiated when the CE input is brought
low. The converted data (plus overrange and polarity
bits) are held in an 18-bit shift register until read by the
processor or until the next conversion is completed.
Data may be clocked out of the TC520A at any time,
and at any rate, the user prefers. A Data Valid (DV) out-
put is driven active at the start of each conversion
cycle, indicating the 18-bit shift register update has just
been completed. This signal may be polled by the pro-
cessor or can be used as data ready interrupt. The
TC520A timebase can be derived from an external fre-
quency source of up to 6MHz or can operate from its
own external crystal. It requires a single 5V logic supply
and dissipates less than 7.5m
.
Part Number
Package
Temperature Range
TC520ACOE 16-Pin SOIC (Wide)
0
C to +70C
TC520ACPD
14-Pin PDIP
0
C to +70C
B
CMPTR
DGND
VDD
A
DIN
OSCOUT
DCLK
OSCIN
DOUT
114
213
312
411
510
69
78
TC520A
CE
DV
LOAD
READ
14-Pin PDIP
16-Pin SOIC
8
1
2
3
4
5
6
7
TC520A
DIN
B
14
13
12
11
10
9
15
16
LOAD
DV
CE
DCLK
A
DOUT
READ
N/C
CMPTR
DGND
VDD
OSCOUT
OSCIN
N/C
Serial Interface Adapter for TC500 A/D Converter Family


Similar Part No. - TC520A_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC520ACOE TELCOM-TC520ACOE Datasheet
81Kb / 8P
SERIAL INTERFACE ADAPTER FOR TC500 A/D CONVERTER FAMILY
logo
Microchip Technology
TC520ACOE MICROCHIP-TC520ACOE Datasheet
453Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2002
logo
TelCom Semiconductor, I...
TC520ACPD TELCOM-TC520ACPD Datasheet
81Kb / 8P
SERIAL INTERFACE ADAPTER FOR TC500 A/D CONVERTER FAMILY
logo
Microchip Technology
TC520ACPD MICROCHIP-TC520ACPD Datasheet
453Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2002
More results

Similar Description - TC520A_13

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC520A TELCOM-TC520A Datasheet
81Kb / 8P
SERIAL INTERFACE ADAPTER FOR TC500 A/D CONVERTER FAMILY
logo
Advanced Micro Devices
AM7992B AMD-AM7992B Datasheet
224Kb / 27P
Serial Interface Adapter (SIA)
logo
Microchip Technology
TC520A MICROCHIP-TC520A Datasheet
453Kb / 16P
Serial Interface Adapter for TC500 A/D Converter Family
2002
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
logo
LANSDALE Semiconductor ...
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
10-Bit A/D Converter with Serial Interface - CMOS
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
10-Bit A/D Converter With Serial Interface CMOS
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
10-Bit A/D Converter with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com