Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC647B Datasheet(PDF) 23 Page - Microchip Technology

Part # TC647B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647B Datasheet(HTML) 23 Page - Microchip Technology

Back Button TC647B Datasheet HTML 19Page - Microchip Technology TC647B Datasheet HTML 20Page - Microchip Technology TC647B Datasheet HTML 21Page - Microchip Technology TC647B Datasheet HTML 22Page - Microchip Technology TC647B Datasheet HTML 23Page - Microchip Technology TC647B Datasheet HTML 24Page - Microchip Technology TC647B Datasheet HTML 25Page - Microchip Technology TC647B Datasheet HTML 26Page - Microchip Technology TC647B Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
 2002-2013 Microchip Technology Inc.
DS21756C-page 23
TC642B/TC647B
Step 2: Selecting the Fan Controller.
The requirements for the fan controller are that it have
minimum speed capability at 20ºC and also indicate a
fan fault condition. No over-temperature indication is
necessary. Based on these specifications, the proper
selection is the TC647B device.
Step 3: Setting the PWM Frequency.
The fan is rated at 4200 RPM with a 12V input. Since
the goal is to run to a 40% duty cycle (roughly 40% fan
speed), which equates to approximately 1700 RPM,
we can assume one full fan revolution occurs every
35 msec. The fan being used is a four-pole fan that
gives four current pulses per revolution. Knowing this
and viewing test results at 40% duty cycle, two fan cur-
rent pulses were always seen during the PWM on time
with a PWM frequency of 30 Hz. For this reason, the CF
value is selected to be 1.0
F.
Step 4: Setting the VIN Voltage.
From the design criteria, the desired duty cycle at 20ºC
is 40%, while full fan speed should be reached at 40ºC.
Based on a VIN voltage range of 1.20V to 2.60V, which
represents 0% to 100% duty cycle, the 40% duty cycle
voltage can be found using the following equation:
EQUATION
Using the above equation, the VIN values are
calculated to be:
-VIN (40%) = 1.76V
-VIN (100%) = 2.60V
Using these values in combination with the thermistor
resistance values calculated earlier, the R1 and R2
resistor values can now be calculated using the
following equation:
EQUATION
RTEMP is the parallel combination of R1 and the therm-
istor. V(T1) represents the VIN voltage at 20ºC and
V(T2) represents the VIN voltage at 40ºC. Solving the
equations simultaneously yields the following values
(VDD = 5V):
-R1 = 238,455
-R2 = 45,161
Using standard 1% resistor values, the selected R1 and
R2 values are:
-R1 = 237 k
-R2 = 45.3 k
A graph of the VIN voltage, thermistor resistance and
RTEMP resistance versus temperature for this
configuration is shown in Figure 5-10.
FIGURE 5-10:
Thermistor Resistance, VIN,
and RTEMP vs. Temperature.
Step 5: Setting the Minimum Speed Voltage (VMIN).
Setting the voltage for the minimum speed is accom-
plished using a simple resistor voltage divider. The cri-
teria for the voltage divider in this design is that it draw
no more than 100 µA of current. The required minimum
speed voltage was determined earlier in the selection
of the VIN voltage at 40% duty cycle, since this was also
set at the temperature which minimum speed is to
occur (20ºC).
-VMIN = 1.76V
Given this desired setpoint, and knowing the desired
divider current, the following equations can be used to
solve for the resistor values for R3 and R4:
EQUATION
Using the equations above, the resistor values for R3
and R4 are found to be:
-R3 = 32.4 k
-R4 = 17.6 k
VIN = (DC * 1.4V) + 1.20V
DC = Desired Duty Cycle
VT1

V
DD
R
2
R
TEMP T1
 R
2
+
------------------------------------------
=
VT2

V
DD
R
2
R
TEMP T2
 R
2
+
------------------------------------------
=
0
50
100
150
200
250
300
350
400
0
1020
3040
5060
7080
90
Temperature (ºC)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
VIN
NTC Thermistor
100 k: @ 25ºC
RTEMP
VMIN =
5V*R4
R3 + R4
IDIV =
5V
R3 + R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com