Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC647B Datasheet(PDF) 17 Page - Microchip Technology

Part # TC647B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647B Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC647B Datasheet HTML 13Page - Microchip Technology TC647B Datasheet HTML 14Page - Microchip Technology TC647B Datasheet HTML 15Page - Microchip Technology TC647B Datasheet HTML 16Page - Microchip Technology TC647B Datasheet HTML 17Page - Microchip Technology TC647B Datasheet HTML 18Page - Microchip Technology TC647B Datasheet HTML 19Page - Microchip Technology TC647B Datasheet HTML 20Page - Microchip Technology TC647B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
 2002-2013 Microchip Technology Inc.
DS21756C-page 17
TC642B/TC647B
5.0
APPLICATIONS INFORMATION
5.1
Setting the PWM Frequency
The PWM frequency of the VOUT output is set by the
capacitor value attached to the CF pin. The PWM fre-
quency will be 30 Hz (typical) for a 1 µF capacitor. The
relationship between frequency and capacitor value is
linear, making alternate frequency selections easy.
As stated in previous sections, the PWM frequency
should be kept in the range of 15 Hz to 35 Hz. This will
eliminate the possibility of having audible frequencies
when varying the duty cycle of the fan drive.
A very important factor to consider when selecting the
PWM frequency for the TC642B/TC647B devices is the
RPM rating of the selected fan and the minimum duty
cycle that the fan will be operating at. For fans that have
a full speed rating of 3000 RPM or less, it is desirable
to use a lower PWM frequency. A lower PWM fre-
quency allows for a longer time period to monitor the
fan current pulses. The goal is to be able to monitor at
least two fan current pulses during the on time of the
VOUT output.
Example: The system design requirement is to operate
the fan at 50% duty cycle when ambient temperatures
are below 20°C. The fan full speed RPM rating is
3000 RPM and has four current pulses per rotation. At
50% duty cycle, the fan will be operating at
approximately 1500 RPM.
EQUATION
If one fan revolution occurs in 40 msec, each fan pulse
occurs 10 msec apart. In order to detect two fan current
pulses, the on time of the VOUT pulse must be at least
20 msec. With the duty cycle at 50%, the total period of
one cycle must be at least 40 msec, which makes the
PWM frequency 25 Hz. For this example, a PWM fre-
quency of 20 Hz is recommended. This would define a
CF capacitor value of 1.5 µF.
5.2
Temperature Sensor Design
As discussed in previous sections, the VIN analog input
has a range of 1.20V to 2.60V (typical), which repre-
sents a duty cycle range on the VOUT output of 0% to
100%, respectively. The VIN voltages can be thought of
as representing temperatures. The 1.20V level is the
low temperature at which the system requires very little
cooling. The 2.60V level is the high temperature, for
which the system needs maximum cooling capability
(100% fan speed).
One of the simplest ways of sensing temperature over
a given range is to use a thermistor. By using an NTC
thermistor, as shown in Figure 5-1, a temperature
variant voltage can be created.
FIGURE 5-1:
Temperature Sensing
Circuit.
Figure 5-1 represents a temperature-dependent volt-
age divider circuit. RT is a conventional NTC thermistor,
while R1 and R2 are standard resistors. R1 and RT form
a parallel resistor combination that will be referred to as
RTEMP (RTEMP = R1 * RT / R1 + RT). As the temperature
increases, the value of Rt decreases and the value of
RTEMP will decrease with it. Accordingly, the voltage at
VIN increases as temperature increases, giving the
desired relationship for the VIN input. R1 helps to linear-
ize the response of the sense network and aids in
obtaining the proper VIN voltages over the desired tem-
perature range. An example of this is shown in
Figure 5-2.
If less current draw from VDD is desired, a larger value
thermistor should be chosen. The voltage at the VIN pin
can also be generated by a voltage output temperature
sensor device. The key is to get the desired VIN voltage
to system (or component) temperature relationship.
The following equations apply to the circuit in
Figure 5-1.
EQUATION
In order to solve for the values of R1 and R2, the values
for VIN, and the temperatures at which they are to
occur, need to be selected. The variables T1 and T2
represent the selected temperatures. The value of the
thermistor at these two temperatures can be found in
the thermistor data sheet. With the values for the
thermistor and the values for VIN, there are now two
equations from which the values for R1 and R2 can be
found.
Time for one revolution (msec.)
60
1000
1500
------------------------40
==
R2
R1
RT
IDIV
VIN
VDD
VT1

V
DD
R
2
R
TEMP T1
 R
2
+
------------------------------------------
=
VT2

V
DD
R
2
R
TEMP T2
 R
2
+
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com