Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC647B Datasheet(PDF) 9 Page - Microchip Technology

Part # TC647B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC647B Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC647B Datasheet HTML 5Page - Microchip Technology TC647B Datasheet HTML 6Page - Microchip Technology TC647B Datasheet HTML 7Page - Microchip Technology TC647B Datasheet HTML 8Page - Microchip Technology TC647B Datasheet HTML 9Page - Microchip Technology TC647B Datasheet HTML 10Page - Microchip Technology TC647B Datasheet HTML 11Page - Microchip Technology TC647B Datasheet HTML 12Page - Microchip Technology TC647B Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2002-2013 Microchip Technology Inc.
DS21756C-page 9
TC642B/TC647B
Note: Unless otherwise indicated, VDD = 5V, TA = +25°C.
FIGURE 2-13:
PWM Sink Current (IOL) vs.
Temperature.
FIGURE 2-14:
VSHDN Threshold vs.
Temperature.
FIGURE 2-15:
VREL Threshold vs.
Temperature.
FIGURE 2-16:
VOTF Threshold vs.
Temperature.
FIGURE 2-17:
Over-Temperature
Hysteresis (VOTF-HYS ) vs. Temperature.
0
5
10
15
20
25
30
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 5.5V
VDD = 5.0V
VDD = 4.0V
VDD = 3.0V
VOL = 0.1VDD
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0V
VDD = 4.0V
VDD = 5.0V
VDD = 5.5V
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0V
VDD = 4.0V
VDD = 5.0V
VDD = 5.5V
2.595
2.600
2.605
2.610
2.615
2.620
2.625
2.630
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 3.0V
VDD = 5.0V
VDD = 5.5V
70
75
80
85
90
95
100
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
VDD = 5.5V
VDD = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com