Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC648 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC648
Description  Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648 Datasheet(HTML) 4 Page - Microchip Technology

  TC648_13 Datasheet HTML 1Page - Microchip Technology TC648_13 Datasheet HTML 2Page - Microchip Technology TC648_13 Datasheet HTML 3Page - Microchip Technology TC648_13 Datasheet HTML 4Page - Microchip Technology TC648_13 Datasheet HTML 5Page - Microchip Technology TC648_13 Datasheet HTML 6Page - Microchip Technology TC648_13 Datasheet HTML 7Page - Microchip Technology TC648_13 Datasheet HTML 8Page - Microchip Technology TC648_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TC648
DS21448D-page 4
 2001-2012 Microchip Technology Inc.
Pulse Width Modulator
FOSC
PWM Frequency
26
30
34
Hz
CF = 1.0 µF
tSTARTUP
Start-up Timer
—
32/F
—
Sec
CF = 1.0 µF
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, TMIN  TA  TMAX, VDD = 3.0V to 5.5V
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Note 1: Ensured by design, not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com