Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC648 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC648
Description  Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC648_13 Datasheet HTML 5Page - Microchip Technology TC648_13 Datasheet HTML 6Page - Microchip Technology TC648_13 Datasheet HTML 7Page - Microchip Technology TC648_13 Datasheet HTML 8Page - Microchip Technology TC648_13 Datasheet HTML 9Page - Microchip Technology TC648_13 Datasheet HTML 10Page - Microchip Technology TC648_13 Datasheet HTML 11Page - Microchip Technology TC648_13 Datasheet HTML 12Page - Microchip Technology TC648_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2001-2012 Microchip Technology Inc.
DS21448D-page 9
TC648
5.0
TYPICAL APPLICATIONS
Designing with the TC648 involves the following:
(1) The
temperature
sensor
network
must
be
configured to deliver 1.25V to 2.65V on VIN for 0%
to 100% of the temperature range to be regulated.
(2) The auto-shutdown temperature must be set with
a voltage divider on VAS (if used).
(3) The output drive transistor and base resistor must
be selected.
(4) If reset/shutdown capability is desired, the drive
requirements of the external signal or circuit must
be considered.
The TC642 demonstration and prototyping board
(TC642DEMO)
and
the
TC642
Evaluation
Kit
(TC642EV) provide working examples of TC648 cir-
cuits and prototyping aids. The TC642DEMO is a
printed circuit board optimized for small size and ease
of inclusion into system prototypes. The TC642EV is a
larger board intended for benchtop development and
analysis. At the very least, anyone contemplating a
design using the TC648 should consult the documenta-
tion
for
both
the
TC642EV
(DS21403)
and
TC642DEMO (DS21401). Figure 5-1 shows the base
schematic for the TC642DEMO.
An Excel-based spreadsheet is also available for
designing the thermistor network for the TC64X fan
controllers. This file (TC64X Therm) is available for
downloading
from
the
Microchip
website
at
www.microchip.com.
FIGURE 5-1:
Typical Application Circuit.
OTF
NC
NTC
R1
R2
R3
R4
GND
*See cautions regarding latch-up considerations in Section 5.0, "Typical Applications".
**Optional. See Section 5.0, "Typical Applications", for details.
NOTES:
Over-
Temperature
Interrupt
Shutdown**
Q1
+12V
+5V*
VDD
VIN
VAS
VOUT
RBASE
CF
1 µF
CF
TC648
Fan
CB
0.01 µF
CB
0.01 µF
CB
1 µF
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com