Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC648 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC648
Description  Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC648_13 Datasheet HTML 6Page - Microchip Technology TC648_13 Datasheet HTML 7Page - Microchip Technology TC648_13 Datasheet HTML 8Page - Microchip Technology TC648_13 Datasheet HTML 9Page - Microchip Technology TC648_13 Datasheet HTML 10Page - Microchip Technology TC648_13 Datasheet HTML 11Page - Microchip Technology TC648_13 Datasheet HTML 12Page - Microchip Technology TC648_13 Datasheet HTML 13Page - Microchip Technology TC648_13 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TC648
DS21448D-page 10
 2001-2012 Microchip Technology Inc.
5.1
Temperature Sensor Design
The temperature signal connected to VIN must output a
voltage in the range of 1.25V to 2.65V (typical) for 0%
to 100% of the temperature range of interest. The
circuit in Figure 5-2 illustrates a convenient way to pro-
vide this signal using a temperature dependent voltage
divider circuit.
FIGURE 5-2:
Temperature Sensing
Circuit.
RT1 is a conventional NTC thermistor and R1 and R2
are standard resistors. The supply voltage (VDD) is
divided between R2 and the parallel combination of
RT1 and R1. For convenience, the parallel combination
of RT1 and R1 will be referred to as RTEMP. The resis-
tance of the thermistor at various temperatures is
obtained
from
the
manufacturer’s
specifications.
Thermistors are often referred to in terms of their resis-
tance at 25°C.
Generally, the thermistor shown in Figure 5-2 is a non-
linear device with a negative temperature coefficient
(also called an NTC thermistor). In Figure 5-2, R1 is
used to linearize the thermistor temperature response
and R2 is used to produce a positive temperature
coefficient at the VIN node. As an added benefit, this
configuration produces an output voltage delta of 1.4V,
which is well within the range of the VC(SPAN)
specification of the TC648. A 100 k
NTC thermistor is
selected for this application in order to keep IDIV to a
minimum.
For the voltage range at VIN to be equal to 1.25V to
2.65V, the temperature range of this configuration is
0°C to 50°C. If a different temperature range is required
from this circuit, R1 should be chosen to equal the
resistance value of the thermistor at the center of this
new temperature range. It is suggested that a maxi-
mum temperature range of 50°C be used with this cir-
cuit due to thermistor linearity limitations. With this
change, R2 is adjusted according to the following
equations:
EQUATION
These two equations facilitate solving for the two
unknown variables, R1 and R2. More information about
thermistors may be obtained from AN679, “Tempera-
ture Sensing Technologies”, and AN685, “Thermistors
in Single Supply Temperature Sensing Circuits”, which
can be downloaded from Microchip's web site at
www.microchip.com.
5.2
Minimum Speed Mode
The TC648 is configured for minimum speed mode by
grounding VAS and designing the temperature sensor
network such that VIN operates the fan at relatively con-
stant, minimum speed when the thermistor is at
minimum temperature. Figure 5-3 shows operation in
minimum speed mode. The 0% and 100% fan speeds
correspond to VIN values of 1.25V and 2.65V, typical.
Minimum system temperature (TMIN) is defined as the
lowest measured temperature at which proportional fan
speed control is required by the system. The fan
operates at minimum speed for all temperatures below
TMIN and at speeds proportional to the measured
temperature between TMIN and TMAX.
FIGURE 5-3:
Minimum Fan Speed Mode
Operation.
Temperature sensor design consists of a two-point
calculation: one at TMIN and one at TMAX. At TMIN, the
ohmic value of the thermistor must be much higher
than that of R1 so that minimum speed is determined
primarily by the values of R1 and R2. At TMAX, the
ohmic value of the thermistor must result in a VIN of
2.65V nominal. The design procedure consists of ini-
tially choosing R1 to be 10 times smaller than the
R2 = 23.2 kΩ
R1 = 100 kΩ
IDIV
VIN
VDD
NTC Thermistor
100 k
Ω @25˚C
RT1
VDD x R2
RTEMP (T1) + R2
= V(T1)
RTEMP (T2) + R2
= V(T2)
VDD x R2
Where T1 and T2 are the chosen temperatures and
RTEMP is the parallel combination of the thermistor
and R1.
Fan Speed
100%
Minimum
Speed
0%
TMIN
TMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com