Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC650 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC650
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC650 Datasheet(HTML) 5 Page - Microchip Technology

  TC650_13 Datasheet HTML 1Page - Microchip Technology TC650_13 Datasheet HTML 2Page - Microchip Technology TC650_13 Datasheet HTML 3Page - Microchip Technology TC650_13 Datasheet HTML 4Page - Microchip Technology TC650_13 Datasheet HTML 5Page - Microchip Technology TC650_13 Datasheet HTML 6Page - Microchip Technology TC650_13 Datasheet HTML 7Page - Microchip Technology TC650_13 Datasheet HTML 8Page - Microchip Technology TC650_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21450D-page 5
TC650/TC651
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = 2.8V to 5.5V, SHDN = VDD, TA = –40C to +125C.
FIGURE 2-1:
IDD vs. Temperature.
FIGURE 2-2:
PWM, ISINK vs. VOL.
FIGURE 2-3:
TOVER, ISOURCE vs.
(VDD – VOH).
FIGURE 2-4:
Temperature Accuracy vs.
VTH.
FIGURE 2-5:
PWM, ISOURCE vs.
(VDD – VOH).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
90
80
70
60
50
40
30
20
10
0
-50
0
25
-25
50 75 100 125 150
TEMPERATURE (°C)
VDD = 2.7
VDD = 5.6
0 12 3
4
5 6 7
8 910
ISINK (mA)
VDD = 2.8V
VDD = 5.5V
0.0
50
100
150
200
250
300
350
400
450
500
TA = +25°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0 12 3
4
5 6 7
8 910
ISOURCE (mA)
VDD = 2.8V
VDD = 5.5V
TA = +25°C
3.0
2.5
2.0
1.5
1.0
0.5
0.0
TL
T1
T2
T3
T4
TH
TTHRESHOLD
VDD = 2.7
VDD = 5.6
0 24
6
8 10 12 14 16 18 20
ISOURCE (mA)
VDD = 2.8V
VDD = 5.5V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com