Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC650 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC650
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC650 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC650_13 Datasheet HTML 3Page - Microchip Technology TC650_13 Datasheet HTML 4Page - Microchip Technology TC650_13 Datasheet HTML 5Page - Microchip Technology TC650_13 Datasheet HTML 6Page - Microchip Technology TC650_13 Datasheet HTML 7Page - Microchip Technology TC650_13 Datasheet HTML 8Page - Microchip Technology TC650_13 Datasheet HTML 9Page - Microchip Technology TC650_13 Datasheet HTML 10Page - Microchip Technology TC650_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21450D-page 7
TC650/TC651
4.0
DETAILED DESCRIPTION
The TC650/TC651 acquire and convert their junction
temperature (TJ) information from an on-chip, solid-
state sensor with a typical accuracy of ±1°C. The tem-
perature data is digitally stored in an internal register.
The register is compared with pre-defined threshold val-
ues. The six threshold values are equally distributed
over a pre-defined range of temperatures (see Table 4-
1). The TC650/TC651 control the speed of a DC brush-
less fan using a fractional speed-control scheme. The
output stage requires only a 2N2222-type, small-signal
BJT for fans up to 300 mA. For larger current fans (up
to 1 amp), a logic-level N-channel MOSFET may be
used. In addition to controlling the speed of the fan, the
TC650/TC651 include an on-chip overtemperature
alarm (TOVER) that gives a low signal when the temper-
ature of the chip exceeds TH by 10°C (typical). This fea-
ture eliminates the need for a separate temperature
sensor for overtemperature monitoring. Figure 4-1
shows the block diagram of the device.
FIGURE 4-1:
Functional Block Diagram.
4.1
PWM Output
The PWM pin is designed to drive a low-cost transistor
or MOSFET as the low-side, power-switching element
in the system. This output has an asymmetric
complementary drive and is optimized for driving NPN
transistors or N-channel MOSFETs. Since the system
relies on PWM rather than linear power control, the
dissipation in the power switch is kept to a minimum.
Generally,
very
small
devices
(TO-92
or
SOT
packages) will suffice. The frequency of the PWM is
about 15 Hz. The PWM is also the time base for the
Start-up Timer (see Section 4.2 “Start-Up Timer”).
The PWM duty cycle has a range of 40% to 100% for
the TC650 and 50% to 100% for the TC651.
4.2
Start-Up Timer
To ensure reliable fan start-up, the Start-up Timer turns
PWM high for about 2 seconds whenever the fan is
started from the off state. This occurs at power-up and
when coming out of Shutdown mode.
4.3
Overtemperature Alert (TOVER)
This pin goes low when the TH set point is exceeded by
10°C (typical). This indicates that the fan is at
maximum drive and the potential exists for system
overheating; either heat dissipation in the system has
gone beyond the cooling system's design limits or
some fault exists (such as fan bearing failure or an air-
flow obstruction). This output may be treated as a
“System Overheat” warning and be used to either
trigger system shutdown or bring other fans in the
system to full speed. The fan will continue to run at full
speed while TOVER is asserted. Built-in hysteresis
prevents TOVER from “chattering” when the measured
temperature is at or near the TH + 10°C trip point. As
temperature falls through the TH + 10°C trip point, hys-
teresis maintains the TOVER output low until the
measured temperature is 5°C above the trip point
setting.
4.4
Shutdown (SHDN)
The fan can be unconditionally shut down by pulling
the SHDN pin low. During shutdown, the PWM output
is low; ideal for notebook computers and other portable
applications where you need to change batteries and
must not have the fan running at that time. Thermal
monitoring and TOVER are still in operation during
shutdown. IDD shutdown current is around 50 µA.
4.5
Auto-shutdown Mode
The
TC651
features
auto-shutdown.
When
the
temperature is below the factory set point at minimum
speed (TL), PWM is low and the fan is automatically
shut off (Auto-shutdown mode). This feature is ideal for
notebook computers and other portable equipment that
need to conserve as much battery power as possible
and, thus, run a fan when it is only absolutely needed.
The TC651 will continue to be active in order to monitor
temperature for TOVER. The TC651 exits Auto-
shutdown mode when the temperature rises above the
factory set point (T1).
Temperature Sensor
Duty Cycle
Logic
Control
A/D Converter
Oscillator
Temperature
Set Point and
Trim Range
SHDN
TOVER
PWM
VDD
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com