Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC650 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC650
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC650 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC650_13 Datasheet HTML 2Page - Microchip Technology TC650_13 Datasheet HTML 3Page - Microchip Technology TC650_13 Datasheet HTML 4Page - Microchip Technology TC650_13 Datasheet HTML 5Page - Microchip Technology TC650_13 Datasheet HTML 6Page - Microchip Technology TC650_13 Datasheet HTML 7Page - Microchip Technology TC650_13 Datasheet HTML 8Page - Microchip Technology TC650_13 Datasheet HTML 9Page - Microchip Technology TC650_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC650/TC651
DS21450D-page 6
 2001-2012 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Power Supply Input
May be independent of fan power supply.
3.2
Fan Shutdown, Active-low Input
During Shutdown mode, the chip still monitors
temperature. TOVER is low if temperature rises above
factory set point.
3.3
Ground
Ground return for all TC650/TC651 functions.
3.4
Overtemperature Alert
Active-low output.
3.5
PWM Fan Drive Output
Pulse width modulated rail-to-rail logic output. Nominal
frequency is 15 Hz.
Pin No.
Symbol
Description
1VDD
Power Supply Input
2
NC
No Internal Connect
3
SHDN
Fan Shutdown, Active-low Input
1
= Fan in normal operation
0
= Fan in shutdown
4
GND
Ground
5
NC
No Connect
6
TOVER
Overtemperature Alert, Active-low Output
1
= Overtemperature condition does not exist
0
= The device is in the overtemperature condition. The fan is driven at 100%.
Potential exists for system over-heating
7
GND
Ground
8
PWM
PWM Fan Drive Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com