Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1267 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1267
Description  400mA PCI LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1267 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1267_13 Datasheet HTML 4Page - Microchip Technology TC1267_13 Datasheet HTML 5Page - Microchip Technology TC1267_13 Datasheet HTML 6Page - Microchip Technology TC1267_13 Datasheet HTML 7Page - Microchip Technology TC1267_13 Datasheet HTML 8Page - Microchip Technology TC1267_13 Datasheet HTML 9Page - Microchip Technology TC1267_13 Datasheet HTML 10Page - Microchip Technology TC1267_13 Datasheet HTML 11Page - Microchip Technology TC1267_13 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC1267
DS21378C-page 8
 2001-2012 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
Trace 1: VIN stepping for 0.8V to 5V
Trace 2: DR
TH(HI)
TDH = < 4 S
Drive High Delay
See application circuit on Page 5
ILOAD = 200mA
VIN steps from 0.8V to 5V
Trace 1: VIN – 3A charging a 1500µF capacitor
Trace 2: DR going high at VTH(HI)
Trace 3: VOUT, offset 3.3V. VOUT(min) = 3.24V
ILOAD = 20mA
VO (min) with VIN Rising
Notice no voltage spikes during transition
from VAUX to LDO output
VOUT voltage difference is IOUT x RDS(ON) and variations
between VAUX supply and LDO output voltage
Trace 1: VIN stepping for 5.5V to 0V
R
TDL = < 600nS
Drive Low Delay
Trace 1: VIN – discharging a 1500µF capacitor
Trace 2: DR going low at VTH(LO)
Trace 3: VOUT, offset 3.3V. VOUT(min) = 3.14V
ILOAD = 20mA
VO (min) with VIN Falling
VOUT voltage difference is IOUT x RDS(ON) + voltage
difference from LDO to VAUX supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com