Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1267 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1267
Description  400mA PCI LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1267 Datasheet(HTML) 2 Page - Microchip Technology

  TC1267_13 Datasheet HTML 1Page - Microchip Technology TC1267_13 Datasheet HTML 2Page - Microchip Technology TC1267_13 Datasheet HTML 3Page - Microchip Technology TC1267_13 Datasheet HTML 4Page - Microchip Technology TC1267_13 Datasheet HTML 5Page - Microchip Technology TC1267_13 Datasheet HTML 6Page - Microchip Technology TC1267_13 Datasheet HTML 7Page - Microchip Technology TC1267_13 Datasheet HTML 8Page - Microchip Technology TC1267_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC1267
DS21378C-page 2
 2001-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Supply Voltage (VIN)..............-0.5V to +7V (Max)
Auxiliary Supply Voltage (VAUX) .....-0.5V to +7V (Max)
LDO Output Current (IOUT)................................400mA
Thermal Impedance,
Junction-to-Ambient (
JA).......... 27°C/W for DDPAK
ESD Rating .......................................................... 2 KV
Operating Temperature Range (TA)........-5°C to +70°C
Storage Temperature Range (TSTG)...-65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1267 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = +25°C, VIN = 5V, VAUX = 3.3V, IOUT = 0.1mA, COUT = 4.7F, unless otherwise noted. Boldface
type specifications apply over full operating range.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Supply Voltage
4.4
5.0
5.5
VVAUX = 0V
IGND
Ground Current
—
—
230
260
450
500
AV
AUX = 0V (Note 6)
VAUX = 3.3V (Note 6)
IVIN
Reverse Leakage from
VAUX
—-0.1
-1.0
AV
AUX = 3.5V, VIN = 0V, IOUT = 0mA
VAUX
Supply Voltage
3.0
3.3
3.6
V
IQ(AUX)
Quiescent Current
—
—
50
—
70
100
AV
IN = 0V, IOUT = 0mA
—
—
60
—
80
120
AV
IN = 5V, IOUT = 0mA
IVAUX
Reverse Leakage from VIN
—-0.1
-1.0
AV
IN = 5.5V, VAUX = 0V, IOUT = 0mA
VTH(LO)
5V Detector
Low Threshold Voltage
—
3.75
3.90
—
—
4.05
VVIN Falling (Notes 2, 3)
VHYST
5V Detector
Hysteresis Voltage
—
200
260
—
—
300
mV
(Notes 2, 3)
VTH(HI)
5V Detector
High Threshold Voltage
—
4.0
4.15
—
—
4.30
VVIN Rising (Notes 2, 3)
VOUT
LDO Output Voltage
—
3.300
—
V
IOUT = 20mA
3.201
—
3.366
V4.4V
 V
IN 5.5V, 0mA IOUT  400mA
3.000
——
V
0mA
I
OUT400mA (Note 4)
IOUT
Output Current
400
—
—
mA
REG(LINE)
Line Regulation
—
-0.5
0.05
—
—
+0.5
%VIN = 4.3V to 5.5V
REG(LOAD)
Load Regulation
—
-1.5
-0.1
—
—
+0.5
%IOUT = 0.1mA to 400mA
VDR
Drive Voltage
VIN - 0.2
VIN - 0.3
VIN - 0.1
—
—
—
V4.3V
V
IN  5.5V, IDR = 200A
—
—
35
—
150
200
mV
VIN < VTH(LO), IDR = 200A
Note
1:
Ensured by design.
2:
See 5V Detect Thresholds, Figure 4-1.
3:
Recommended source impedance for 5V supply:
0.25. This will ensure that I
OUT x RSOURCE < VHYST, thus avoiding DR toggling during
5V detect threshold transitions.
4:
In Application Circuit, Figure 3-1.
5:
See Timing Diagram, Figure 4-2.
6:
Ground Current is independent of ILOAD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com