Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1267 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1267
Description  400mA PCI LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1267 Datasheet(HTML) 1 Page - Microchip Technology

  TC1267_13 Datasheet HTML 1Page - Microchip Technology TC1267_13 Datasheet HTML 2Page - Microchip Technology TC1267_13 Datasheet HTML 3Page - Microchip Technology TC1267_13 Datasheet HTML 4Page - Microchip Technology TC1267_13 Datasheet HTML 5Page - Microchip Technology TC1267_13 Datasheet HTML 6Page - Microchip Technology TC1267_13 Datasheet HTML 7Page - Microchip Technology TC1267_13 Datasheet HTML 8Page - Microchip Technology TC1267_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2001-2012 Microchip Technology Inc.
DS21378C-page 1
TC1267
Features
• Glitch Free Transition Between Input Sources
• Automatic Input Source Selection
• External PMOS Bypass Switch Control
• Built-in 5V Detector
• 1% Regulated Output Voltage Accuracy
• 400mA Load Current Capability
• Kelvin Sense Input
• Low Ground Current, Independent of Load
Applications
• PCMCIA
•PCI
• Network Interface Cards (NICs)
• CardbusTM Technology
• Desktop Computers
Device Selection Table
Pin Configuration
General Description
The TC1267 is an application-specific, low dropout
regulator (LDO), specifically intended for use in PCI
peripheral card applications complying with PCI Power
Management (PCI 2.0). It provides an uninterrupted,
3.3V output voltage when the main (5V) or auxiliary
(3.3V) input voltage supplies are present.
The TC1267 consists of an LDO, a voltage threshold
detector, external switchover logic and gate drive
circuitry. It functions as a conventional LDO as long as
the voltage on the main supply input (VIN) is above the
lower threshold (3.90V typical). Should the voltage on
VIN fall below the lower threshold, the LDO is disabled
and an external P-channel MOSFET is automatically
turned on, connecting the auxiliary supply input to
VOUT, and ensuring an uninterrupted 3.3V output. The
main supply is automatically selected, if both the main
and auxiliary input supplies are present, and transition
from one input supply to the other is ensured glitch-
free. High integration, automatic secondary supply swi-
tchover, Kelvin sensing, and small size make the
TC1267 the optimum LDO for PCI 2.0 applications.
Functional Block Diagram
Part Number
Package
Junction
Temp. Range
TC1267VET
5-Pin DDPAK
-5°C to +95°C
Tab is GND
1 2 3 4 5
TC1267
5-Pin DDPAK
+
–
VIN
VAUX
GND
DR
VOUT
Bandgap
Reference
Detect
E/A
400mA PCI LDO


Similar Part No. - TC1267_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1267VET MICROCHIP-TC1267VET Datasheet
490Kb / 14P
400mA PCI LDO
2002
More results

Similar Description - TC1267_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1267 MICROCHIP-TC1267 Datasheet
490Kb / 14P
400mA PCI LDO
2002
logo
Global Mixed-mode Techn...
G9161 GMT-G9161 Datasheet
411Kb / 15P
400mA High PSRR, LDO Regulators
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
400mA Super LDO Linear Regulator
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
400mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
Dual 400mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555 Datasheet
184Kb / 6P
400mA LDO Dropout Voltage Regulator
VER 1.2
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
CMOS Dual 400mA LDO Regulator
logo
Global Mixed-mode Techn...
G9161 GMT-G9161_15 Datasheet
69Kb / 1P
400mA High PSRR, LDO Regulators
logo
ELM Technology Corporat...
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
CMOS Dual 400mA LDO Regulator
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
CMOS Dual 400mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com