Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5302ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5302ARMZ
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5302ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD5302ARMZ Datasheet HTML 1Page - Analog Devices AD5302ARMZ Datasheet HTML 2Page - Analog Devices AD5302ARMZ Datasheet HTML 3Page - Analog Devices AD5302ARMZ Datasheet HTML 4Page - Analog Devices AD5302ARMZ Datasheet HTML 5Page - Analog Devices AD5302ARMZ Datasheet HTML 6Page - Analog Devices AD5302ARMZ Datasheet HTML 7Page - Analog Devices AD5302ARMZ Datasheet HTML 8Page - Analog Devices AD5302ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5302/AD5312/AD5322
Rev. D | Page 4 of 24
A Version1
B Version1
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
2.5
5.5
2.5
5.5
V
IDD specification is valid for all DAC codes
IDD (Normal Mode)
Both DACs active and excluding load currents
VDD = 4.5 V to 5.5 V
300
450
300
450
μA
Both DACs in unbuffered mode, VIH = VDD and
VDD = 2.5 V to 3.6 V
230
350
230
350
μA
VIL = GND; in buffered mode, extra current is
typically × μA per DAC where x = 5 μA + VREF/RDAC
IDD (Full Power-Down)
VDD = 4.5 V to 5.5 V
0.2
1
0.2
1
μA
VDD = 2.5 V to 3.6 V
0.05
1
0.05
1
μA
1 Temperature range: A, B version: –40°C to +105°C.
2 See Terminology section.
3 DC specifications tested with the outputs unloaded.
4 Linearity is tested using a reduced code range: AD5302 (Code 8 to 248); AD5312 (Code 28 to 995); AD5322 (Code 115 to 3981).
5 Guaranteed by design and characterization, not production tested.
6 In order for the amplifier output to reach its minimum voltage, offset error must be negative. In order for the amplifier output to reach its maximum voltage,
VREF = VDD and offset plus gain error must be positive.
AC SPECIFICATIONS
VDD = 2.5 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, all specifications TMIN to TMAX, unless otherwise noted.1
Table 2.
A, B Version2
Parameter3
Min
Typ
Max
Unit
Test Conditions/Comments
Output Voltage Settling Time
VREF = VDD = 5 V
AD5302
6
8
μs
¼ Scale to ¾ Scale Change (0 × 40 to 0 × C0)
AD5312
7
9
μs
¼ Scale to ¾ Scale Change (0 × 100 to 0 × C300)
AD5322
8
10
μs
¼ Scale to ¾ Scale Change (0 × 400 to 0 × C00)
Slew Rate
0.7
V/μs
Major-Code Transition Glitch Energy
12
nV-s
1 LSB Change Around Major Carry (011…11 to 100…00)
Digital Feedthrough
0.10
nV-s
Analog Crosstalk
0.01
nV-s
DAC-to-DAC Crosstalk
0.01
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2 V ± 0.1 V p-p, Unbuffered Mode
Total Harmonic Distortion
−70
dB
VREF = 2.5 V ± 0.1 V p-p, Frequency = 10 kHz
1 Guaranteed by design and characterization, not production tested.
2 Temperature range: A, B version: −40°C to +105°C.
3 See Terminology section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com