Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5302ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5302ARMZ
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5302ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5302ARMZ Datasheet HTML 4Page - Analog Devices AD5302ARMZ Datasheet HTML 5Page - Analog Devices AD5302ARMZ Datasheet HTML 6Page - Analog Devices AD5302ARMZ Datasheet HTML 7Page - Analog Devices AD5302ARMZ Datasheet HTML 8Page - Analog Devices AD5302ARMZ Datasheet HTML 9Page - Analog Devices AD5302ARMZ Datasheet HTML 10Page - Analog Devices AD5302ARMZ Datasheet HTML 11Page - Analog Devices AD5302ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5302/AD5312/AD5322
Rev. D | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
LDAC 1
VDD 2
VREFB 3
VREFA 4
VOUTA 5
GND
10
DIN
9
SCLK
8
SYNC
7
VOUTB
6
AD5302/
AD5312/
AD5322
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
LDAC
Active Low Control Input. This pin transfers the contents of the input registers to their respective DAC registers.
Pulsing LDAC low allows either or both DAC registers to be updated if the input registers have new data. This
allows simultaneous updating of both DAC outputs.
2
VDD
Power Supply Input. The parts can be operated from 2.5 V to 5.5 V, and the supply should be decoupled to GND.
3
VREFB
Reference Input Pin for DAC B. This is the reference for DAC B. It can be configured as a buffered or an
unbuffered input, depending on the BUF bit in the control word of DAC B. It has an input range of 0 V to VDD in
unbuffered mode and 1 V to VDD in buffered mode.
4
VREFA
Reference Input Pin for DAC A. This is the reference for DAC A. It can be configured as a buffered or an
unbuffered input depending on the BUF bit in the control word of DAC A. It has an input range of 0 V to VDD in
unbuffered mode and 1 V to VDD in buffered mode.
5
VOUTA
Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
6
VOUTB
Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
7
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, it
powers on the SCLK and DIN buffers and enables the input shift register. Data is transferred in on the falling
edges of the following 16 clocks. If SYNC is taken high before the 16th falling edge, the rising edge of SYNC acts
as an interrupt and the write sequence is ignored by the device.
8
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data
can be transferred at rates up to 30 MHz. The SCLK input buffer is powered down after each write cycle.
9
DIN
Serial Data Input. This device has a 16-bit input shift register. Data is clocked into the register on the falling
edge of the serial clock input. The DIN input buffer is powered down after each write cycle.
10
GND
Ground Reference Point for All Circuitry on the Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com