Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5302ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD5302ARMZ
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5302ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5302ARMZ Datasheet HTML 2Page - Analog Devices AD5302ARMZ Datasheet HTML 3Page - Analog Devices AD5302ARMZ Datasheet HTML 4Page - Analog Devices AD5302ARMZ Datasheet HTML 5Page - Analog Devices AD5302ARMZ Datasheet HTML 6Page - Analog Devices AD5302ARMZ Datasheet HTML 7Page - Analog Devices AD5302ARMZ Datasheet HTML 8Page - Analog Devices AD5302ARMZ Datasheet HTML 9Page - Analog Devices AD5302ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5302/AD5312/AD5322
Rev. D | Page 6 of 24
DAC CODE
GAIN ERROR
PLUS
OFFSET ERROR
OUTPUT
VOLTAGE
POSITIVE
OFFSET
ERROR
NEGATIVE
OFFSET
ERROR
AMPLIFIER
FOOTROOM
(1mV)
ACTUAL
IDEAL
DEADBAND
Figure 3. Transfer Function with Negative Offset
ACTUAL
IDEAL
DAC CODE
POSITIVE
OFFSET
ERROR
OUTPUT
VOLTAGE
GAIN ERROR
PLUS
OFFSET ERROR
Figure 4. Transfer Function with Positive Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com