Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABCZ2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6650ABCZ2
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABCZ2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6650ABCZ2 Datasheet HTML 2Page - Analog Devices AD6650ABCZ2 Datasheet HTML 3Page - Analog Devices AD6650ABCZ2 Datasheet HTML 4Page - Analog Devices AD6650ABCZ2 Datasheet HTML 5Page - Analog Devices AD6650ABCZ2 Datasheet HTML 6Page - Analog Devices AD6650ABCZ2 Datasheet HTML 7Page - Analog Devices AD6650ABCZ2 Datasheet HTML 8Page - Analog Devices AD6650ABCZ2 Datasheet HTML 9Page - Analog Devices AD6650ABCZ2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD6650
Rev. A | Page 6 of 44
MICROPROCESSOR PORT TIMING CHARACTERISTICS
All timing specifications valid over VDD range of 3.0 V to 3.45 V and VDDIO range of 3.0 V to 3.45 V.
Table 5. Microprocessor Port, Mode INM (MODE = 0); Asynchronous Operation
Parameter
Symbol
Temp
Test Level
Min
Typ
Max
Unit
WRITE TIMING
WR (R/W) to RDY (DTACK) Hold Time1
tHWR
Full
IV
0.0
ns
Address/Data to WR (R/W) Setup Time1
tSAM
Full
IV
0.0
ns
Address/Data to RDY (DTACK) Hold Time1
tHAM
Full
IV
0.0
ns
WR (R/W) to RDY (DTACK) Delay
tDRDY2
Full
IV
9.0
15.0
ns
WR (R/W) to RDY (DTACK) High Delay1
tACC
Full
IV
4 × tCLK
13 × tCLK
ns
READ TIMING
Address to RD (DS) Setup Time1
tSAM
Full
IV
0.0
ns
Address to Data Hold Time1
tHAM
Full
IV
0.0
ns
Data Three-state Delay1
tZD
Full
V
12
ns
RDY (DTACK) to Data Delay1
tDD
Full
IV
0.0
ns
RD (DS) to RDY (DTACK) Delay
tDRDY2
Full
IV
9.0
15.0
ns
RD (DS) to RDY (DTACK) High Delay1
tACC
Full
IV
4 × tCLK
13 × tCLK
ns
1 Timing is guaranteed by design.
2 Specification pertains to control signals R/W, WR, DS, RD, and CS such that the minimum specification is valid after the last control signal has reached a valid logic level.
Table 6. Microprocessor Port, Mode MNM (MODE = 1)
Parameter
Symbol
Temp
Test Level
Min
Typ
Max
Unit
WRITE TIMING
DS (RD) to DTACK (RDY) Hold Time
tHDS
Full
IV
15.0
ns
R/W (WR) to DTACK (RDY) Hold Time
tHRW
Full
IV
15.0
ns
Address/Data to R/W (WR) Setup Time1
tSAM
Full
IV
0.0
ns
Address/Data to R/W (WR) Hold Time1
tHAM
Full
IV
0.0
ns
DS (RD) to DTACK (RDY) Delay2
tDDTACK
Full
V
16
ns
R/W (WR) to DTACK (RDY) Low Delay1
tACC
Full
IV
4 × tCLK
13 × tCLK
ns
READ TIMING
DS (RD) to DTACK (RDY) Hold Time
tHDS
Full
IV
15.0
ns
Address to DS (RD) Setup Time1
tSAM
Full
IV
0.0
ns
Address to Data Hold Time1
tHAM
Full
IV
0.0
ns
Data Three-State Delay
tZD
Full
V
13
ns
DTACK (RDY) to Data Delay1
tDD
Full
IV
0.0
ns
DS (RD) to DTACK (RDY) Delay2
tDDTACK
Full
V
16
ns
DS (RD) to DTACK (RDY) Low Delay1
tACC
Full
IV
4 × tCLK
13 × tCLK
ns
1 Timing is guaranteed by design.
2
DTACK is an open-drain device and must be pulled up with a 1 kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com