Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABCZ2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD6650ABCZ2
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABCZ2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6650ABCZ2 Datasheet HTML 20Page - Analog Devices AD6650ABCZ2 Datasheet HTML 21Page - Analog Devices AD6650ABCZ2 Datasheet HTML 22Page - Analog Devices AD6650ABCZ2 Datasheet HTML 23Page - Analog Devices AD6650ABCZ2 Datasheet HTML 24Page - Analog Devices AD6650ABCZ2 Datasheet HTML 25Page - Analog Devices AD6650ABCZ2 Datasheet HTML 26Page - Analog Devices AD6650ABCZ2 Datasheet HTML 27Page - Analog Devices AD6650ABCZ2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD6650
Rev. A | Page 24 of 44
value is −40 dBFS. When the wideband signal is below the SPB
level, the FD loop is activated. This loop overrides the slow loop
and has a programmable step size (default 0.094 dB) and a
programmable peak detect period (defaults four samples at
1.08 MHz).
UPPER THRESHOLD1
(OVER LOAD PROTECTION)
~–1dBFS
–6dBFS
–46dBFS
OPERATIONAL
RANGE
NOTES
1 ADJUSTABLE LEVEL, WITH PROGRAMMABLE STEP SIZE AND ADJUSTABLE PERIOD.
2 ADJUSTABLE LEVEL, LOOP GAIN (<1), HYSTERESIS, INTEGRATION PERIOD.
3ADJUSTABLE LEVEL, ADJUSTABLE STEP SIZE.
LOWER THRESHOLD3
(DEEP FADE PROTECTION)
REQUESTED LEVEL2
Figure 31. AGC Thresholds
SERIAL OUTPUT DATA PORT
The AD6650 has two configurable serial output ports (SDO0
and SDO1). Both ports must be identically configured and are
programmed using the same control register. The ports share a
common SFDS, SCLK, and DR pin for connection to an
external ASIC or DSP; therefore, the outputs cannot be
programmed independently.
Serial Output Data Format
The AD6650 utilizes a twos complement data format with a
selectable serial data-word length of 16 bits or 24 bits. The data
is shifted out of the device in MSB-first format.
Serial Data Frame Sync
The serial data frame sync (SDFS) pin signals the start of the
serial data frame. As channel data becomes available at the
output of the AD6650’s filters, this data is transferred into the
serial data buffer. The internal serial controller initiates the
SDFS on the next rising edge of the serial clock. In the AD6650,
there are three modes in which the frame sync can be
generated, which are described in the SDFS Modes section.
Configuring the Serial Ports
Both serial output ports must function as master serial ports. A
serial bus master provides SCLK and SDFS outputs. Serial Port 0
and Serial Port 1 must be programmed as the bus masters by
setting Bit 3 of the serial control register high.
Serial Port Data Rate
The SCLK frequency is defined by Equation 21.
1
+
=
SDIV
f
f
CLK
SCLK
(21)
where:
fCLK is the frequency of the master clock of the AD6650 channel.
SDIV is the serial division word for the channel.
The SDIV for Serial Port 0 and Serial Port 1 can be programmed
via Internal Control Register 0x21. Valid SDIV values are between
0 and 7, corresponding to divide ratios between 1 and 8.
Serial Output Frame Timing
The SDFS signal transitions high to signal the start of a data
frame. On the next rising edge of SCLK, the port drives the first
bit of the serial data on the SDO pin. The falling edge of SCLK
or the subsequent rising edge can then be used by the DSP to
sample the data until the required number of bits is received
(determined by the serial output port word length). If the DSP
has the ability to count bits, it can identify when the complete
frame is received.
Serial Port Timing Specifications
Figure 32 to Figure 35 indicate the timing required for the
AD6650 serial port.
SCLK
tSCLK
tSCLKH
tSCLKL
Figure 32. SCLK Timing Requirements
tSCLKH
tSCLKL
tDSCLKH
CLK
SCLK
Figure 33. SCLK Switching Characteristics (Divide-by-1)
SCLK
SDO
I15
I14
tDSDO
I13
Figure 34. Serial Output Data Switching Characteristics
SDO
IMSB
SDFS
SCLK
tDSO
IMSB1
SDFS MINIMUM
WIDTH IS ONE SCLK
FIRST DATA IS AVAILABLE THE FIRST
RISING SCLK AFTER SDFS GOES HIGH
Figure 35. Timing for Serial Output Port
SCLK
SCLK is an output on the AD6650. All outputs are switched on
the rising edge of SCLK. The SDFS pin is sampled on the falling
edge of SCLK. This allows the AD6650 to recognize the SDFS in
time to initiate a frame on the next SCLK rising edge. The
maximum speed of this port is 52 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com