Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650ABCZ2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6650ABCZ2
Description  AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650ABCZ2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6650ABCZ2 Datasheet HTML 6Page - Analog Devices AD6650ABCZ2 Datasheet HTML 7Page - Analog Devices AD6650ABCZ2 Datasheet HTML 8Page - Analog Devices AD6650ABCZ2 Datasheet HTML 9Page - Analog Devices AD6650ABCZ2 Datasheet HTML 10Page - Analog Devices AD6650ABCZ2 Datasheet HTML 11Page - Analog Devices AD6650ABCZ2 Datasheet HTML 12Page - Analog Devices AD6650ABCZ2 Datasheet HTML 13Page - Analog Devices AD6650ABCZ2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD6650
Rev. A | Page 10 of 44
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Supply Voltage
−0.3 V to +3.6 V
Input Voltage
−0.3 V to +3.6 V
Output Voltage Swing
−0.3 V to VDDIO + 0.3 V
Load Capacitance
200 pF
Junction Temperature Under Bias
125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (5 sec)
280°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
121-lead chip scale package ball grid array:
θJA = 22.8°C/W, no airflow, measurements made in the
horizontal position on a 4-layer board.
θJA = 20.2°C/W, 200 LFPM airflow, measurements made in the
horizontal position on a 4-layer board.
θJA = 20.7°C/W, no airflow, soldered on an 8-layer board with
two layers dedicated as ground planes.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com