Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7416ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7416ARMZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7416ARMZ Datasheet HTML 5Page - Analog Devices AD7416ARMZ Datasheet HTML 6Page - Analog Devices AD7416ARMZ Datasheet HTML 7Page - Analog Devices AD7416ARMZ Datasheet HTML 8Page - Analog Devices AD7416ARMZ Datasheet HTML 9Page - Analog Devices AD7416ARMZ Datasheet HTML 10Page - Analog Devices AD7416ARMZ Datasheet HTML 11Page - Analog Devices AD7416ARMZ Datasheet HTML 12Page - Analog Devices AD7416ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 9 of 24
SDA 1
SCL 2
OTI 3
GND 4
VDD
8
A0
7
A1
6
A2
5
AD7416
TOP VIEW
(Not to Scale)
SDA 1
SCL 2
OTI 3
GND 4
CONVST
8
VDD
7
REFIN
6
AIN
5
AD7418
TOP VIEW
(Not to Scale)
Figure 7. AD7416 Pin Configuration (SOIC/MSOP)
Figure 8. AD7418 Pin Configuration (SOIC/MSOP)
Table 5. AD7416 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDA
Digital I/O. Serial bus bidirectional data. Push-pull output.
2
SCL
Digital Input. Serial bus clock.
3
OTI
This pin is a logic output. The OTI is set if the result of a conversion on Channel 0 (temperature sensor) is greater
than an 8-bit word in the TOTI setpoint register. The signal is reset at the end of a serial read operation. Open-drain
output.
4
GND
Ground reference for track-and-hold, comparator and capacitor DAC, and digital circuitry.
5
A2
Digital Input. This is the highest programmable bit of the serial bus address.
6
A1
Digital Input. This is the middle programmable bit of the serial bus address.
7
A0
Digital Input. This is the lowest programmable bit of the serial bus address.
8
VDD
Positive Supply Voltage, 2.7 V to 5.5 V.
Table 6. AD7418 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDA
Digital I/O. Serial bus bidirectional data. Push-pull output.
2
SCL
Digital Input. Serial bus clock.
3
OTI
This is a logic output. The OTI is set if the result of a conversion on Channel 0 (temperature sensor) is greater than
an 8-bit word in the TOTI setpoint register. The signal is reset at the end of a serial read operation. Open-drain
output.
4
GND
Ground reference for track-and-hold, comparator and capacitor DAC, and digital circuitry.
5
AIN
Analog Input Channel. The input channel is single-ended with respect to GND. The input channel can convert
voltage signals in the range of 0 V to VREF. The analog input channel is selected by writing to the configuration
register of the AD7418 and choosing Channel 4.
6
REFIN
Reference Input. An external 2.5 V reference can be connected to the AD7418 at this pin. To enable the on-chip
reference, the REFIN pin should be tied to GND. If an external reference is connected to the AD7418, the internal
reference shuts down.
7
VDD
Positive Supply Voltage, 2.7 V to 5.5 V.
8
CONVST
Logic Input Signal. Convert start signal. The rising edge of this signal fully powers up the part. The power-up time
for the part is 4 μs. If the CONVST pulse is greater than 4 μs, the falling edge of CONVST places the track-and-hold
mode into hold mode and initiates a conversion. If the pulse is less than 4 μs, an internal timer ensures that the
track-and-hold does not go into hold, and conversion is not initiated until the power-up time has elapsed. The
track-and-hold goes into track mode again at the end of conversion (see the
section).
Operating Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com