Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7416ARMZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7416ARMZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARMZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7416ARMZ Datasheet HTML 11Page - Analog Devices AD7416ARMZ Datasheet HTML 12Page - Analog Devices AD7416ARMZ Datasheet HTML 13Page - Analog Devices AD7416ARMZ Datasheet HTML 14Page - Analog Devices AD7416ARMZ Datasheet HTML 15Page - Analog Devices AD7416ARMZ Datasheet HTML 16Page - Analog Devices AD7416ARMZ Datasheet HTML 17Page - Analog Devices AD7416ARMZ Datasheet HTML 18Page - Analog Devices AD7416ARMZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 15 of 24
written to the selected data register. This is illustrated in
Figure 16.
•
Writing two bytes of data to the TOTI setpoint or THYST
setpoint register.
If 9-bit resolution is required for the temperature setpoints,
two bytes of data must be written to the TOTI setpoint and
THYST setpoint registers. This consists of the serial bus
address, the register address written to the address pointer
register, followed by two data bytes written to the selected
data register. This is illustrated in Figure 17.
SCL
1
1
9
9
SDA
1
001
START BY
MASTER
ACK. BY
AD741x1
ACK. BY
AD741x1
STOP
BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 1
SERIAL BUS ADDRESS BYTE
1AD741x = AD7416/AD7417/AD7418.
A2
A1
P7
P6
P5
P4
P3
P2
P1
P0
A0
R/W
Figure 15. Writing to the Address Pointer Register to Select a Data Register for a Subsequent Read Operation
SCL
1
1
1
9
9
9
SDA
1
0
0
1
START BY
MASTER
ACK. BY
AD741x1
ACK. BY
AD741x1
ACK. BY
AD741x1
STOP
BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 3
DATA BYTE
FRAME 1
SERIAL BUS ADDRESS BYTE
SCL (CONTINUED)
SDA (CONTINUED)
A2
A1
P7
P6
P5
P4
P3
P2
P1
P0
D6
D7
D5
D4
D3
D2
D1
D0
A0
R/W
1AD741x = AD7416/AD7417/AD7418.
Figure 16. Writing to the Address Pointer Register Followed by a Single Byte of Data to the Selected Data Register
SCL
SCL
(CONTINUED)
SDA
(CONTINUED)
11
9
1
19
9
SDA
1
0
0
1
START BY
MASTER
ACK. BY
AD741x1
ACK. BY
AD741x1
ACK. BY
AD741x1
STOP BY
MASTER
ACK. BY
AD741x1
STOP
BY
MASTER
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 1
SERIAL BUS ADDRESS BYTE
A2
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A1
P7
P6
P5
P4
P3
P2
P1
P0
A0
R/W
9
FRAME 3
MOST SIGNIFICANT DATA BYTE
FRAME 4
LEAST SIGNIFICANT DATA BYTE
1AD741x = AD7416/AD7417/AD7418.
Figure 17. Writing to the Address Pointer Register Followed by Two Bytes of Data to the TOTI Setpoint or THYST Setpoint Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com