Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7416ARMZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD7416ARMZ
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARMZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7416ARMZ Datasheet HTML 16Page - Analog Devices AD7416ARMZ Datasheet HTML 17Page - Analog Devices AD7416ARMZ Datasheet HTML 18Page - Analog Devices AD7416ARMZ Datasheet HTML 19Page - Analog Devices AD7416ARMZ Datasheet HTML 20Page - Analog Devices AD7416ARMZ Datasheet HTML 21Page - Analog Devices AD7416ARMZ Datasheet HTML 22Page - Analog Devices AD7416ARMZ Datasheet HTML 23Page - Analog Devices AD7416ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 20 of 24
SYSTEM WITH MULTIPLE AD7416 DEVICES
The three LSBs of the AD7416 serial address can be set by the
user, allowing eight different addresses from 1001000 to
1001111. Figure 25 shows a system in which eight AD7416
devices are connected to a single serial bus, with their OTI
outputs wire-AND’ed together to form a common interrupt
line. This arrangement means that each device must be read to
determine which one has generated the interrupt, and if a
unique interrupt is required for each device, the OTI outputs
can be connected separately to the I/O chip.
VDD
3V TO
5.5V
R1
10kΩ
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
8
7
6
5
3
2
1
4
Figure 25. Multiple Connection of AD7416 Devices to a Single Serial Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com