Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7662AMJA Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7662AMJA
Description  Charge Pump DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662AMJA Datasheet(HTML) 1 Page - Microchip Technology

  TC7662AMJA Datasheet HTML 1Page - Microchip Technology TC7662AMJA Datasheet HTML 2Page - Microchip Technology TC7662AMJA Datasheet HTML 3Page - Microchip Technology TC7662AMJA Datasheet HTML 4Page - Microchip Technology TC7662AMJA Datasheet HTML 5Page - Microchip Technology TC7662AMJA Datasheet HTML 6Page - Microchip Technology TC7662AMJA Datasheet HTML 7Page - Microchip Technology TC7662AMJA Datasheet HTML 8Page - Microchip Technology TC7662AMJA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21468B-page 1
TC7662A
Features
• Wide Operating Range
- 3V to 18V
• Increased Output Current (40mA)
• Pin Compatible with ICL7662/SI7661/TC7660/
LTC1044
• No External Diodes Required
• Low Output Impedance @ IL = 20mA
-40
 Typ.
• No Low-Voltage Terminal Required
• CMOS Construction
• Available in 8-Pin PDIP and 8-Pin CERDIP
Packages
Applications
• Laptop Computers
•Disk Drives
• Process Instrumentation
•
P-based Controllers
Device Selection Table
Package Type
General Description
The TC7662A is a pin-compatible upgrade to the
industry standard TC7660 charge pump voltage
converter. It converts a +3V to +18V input to a
corresponding -3V to -18V output using only two low-
cost
capacitors,
eliminating
inductors
and
their
associated cost, size and EMI. In addition to a wider
power supply input range (3V to 18V versus 1.5V to
10V for the TC7660), the TC7662A can source output
currents as high as 40mA. The on-board oscillator
operates at a nominal frequency of 12kHz. Operation
below 12kHz (for lower supply current applications) is
also possible by connecting an external capacitor from
OSC to ground.
The TC7662A directly is recommended for designs
requiring greater output current and/or lower input/
output voltage drop. It is available in 8-pin PDIP and
CERDIP packages in commercial and extended
temperature ranges.
Part
Number
Package
Operating
Temp.
Range
TC7662ACPA
8-Pin PDIP
0°C to +70°C
TC7662AEPA
8-Pin PDIP
-40°C to +85°C
TC7662AIJA
8-Pin CERDIP
-25°C to +85°C
TC7662AMJA
8-Pin CERDIP
-55°C to +125°C
1
2
3
4
8
7
6
5
TC7662A
NC
C+
GND
C–
VOUT
NC
OSC
VDD
8-Pin PDIP
8-Pin CERDIP
Charge Pump DC-to-DC Converter


Similar Part No. - TC7662AMJA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7662AMJA TELCOM-TC7662AMJA Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662AMJA MICROCHIP-TC7662AMJA Datasheet
53Kb / 7P
CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662AMJA MICROCHIP-TC7662AMJA Datasheet
457Kb / 14P
Charge Pump DC-to-DC Converter
2002
More results

Similar Description - TC7662AMJA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
Charge Pump DC-to-DC Converter
2002
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
Charge Pump DC-to-DC Voltage Converter
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com