Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBR Datasheet(PDF) 37 Page - Analog Devices

Part # AD7730LBR
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBR Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7730LBR Datasheet HTML 33Page - Analog Devices AD7730LBR Datasheet HTML 34Page - Analog Devices AD7730LBR Datasheet HTML 35Page - Analog Devices AD7730LBR Datasheet HTML 36Page - Analog Devices AD7730LBR Datasheet HTML 37Page - Analog Devices AD7730LBR Datasheet HTML 38Page - Analog Devices AD7730LBR Datasheet HTML 39Page - Analog Devices AD7730LBR Datasheet HTML 40Page - Analog Devices AD7730LBR Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
AD7730/AD7730L
–37–
CONFIGURING THE AD7730
The AD7730 contains twelve on-chip registers that can be accessed via the serial interface. Figure 5 and Figure 6 have outlined a
flowchart for the reading and writing of these registers. Table XIX and Table XX outline sample pseudo-code for some commonly
used routines. The required operating conditions will dictate the values loaded to the Mode, Filter and DAC Registers. The values
given here are for example purposes only.
Table XIX. Pseudo-Code for Initiating a Self-Calibration after Power-On/Reset
Write 03 Hex to Serial Port1
/* Writes to Communications Register Setting Next Operation as Write to
Filter Register*/
Write 800010 Hex to Serial Port1
/* Writes to Filter Register Setting a 50 Hz Output Rate in CHOP Mode*/
Write 04 Hex to Serial Port1
/* Writes to Communications Register Setting Next Operation as Write to
DAC Register*/
Write 23 Hex to Serial Port1
/* Writes to DAC Register Setting a Subtraction Value of 7.5 mV (5 V Refer-
ence) on the TARE DAC*/
Write 02 Hex to Serial Port
/* Writes to Communications Register Setting Next Operation as Write to
Mode Register*/
Write B180 Hex to Serial Port
/* Writes to Mode Register Initiating Internal Full-Scale Calibration for 0 mV
to +10 mV Input Range*/
Wait for RDY Low
/* Wait for RDY pin to go low to indicate end of calibration cycle*/
Write 02 Hex to Serial Port
/* Writes to Communications Register Setting Next Operation as Write to
Mode Register*/
Write 9180 Hex to Serial Port
/* Writes to Mode Register Initiating Internal Zero-Scale Calibration for
0 mV to +10 mV Input Range*/
Wait for RDY Low
/* Wait for RDY pin to go low to indicate end of calibration cycle*/
/* The part has now completed self-calibration and is in idle mode*/
1This operation is not necessary if the default values of the Filter Register or the DAC Register are the values used in the application.
Table XX. Pseudo-Code for Setting Up AD7730 for Continuous Conversion and Continuous Read Operation
Write 02 Hex to Serial Port
/* Writes to Communications Register Setting Next Operation as Write to
Mode Register*/
Write 2180 Hex to Serial Port
/* Writes to Mode Register Starting Continuous Conversions for 0 mV to
+10 mV Input Range*/
Write 21 Hex to Serial Port
/* Writes to Communications Register Setting Next Operation as Continuous
Read From Data Register*/
Set DIN Line of AD7730 Low
/* Ensures Part is not Reset While in Continuous Read Mode*/
READ_DATA: Wait for RDY Low
/* Wait for RDY pin to go low to Indicate Output Update*/
Read 24-Bit Data From Serial Port
/* Read Conversion Result from AD7730's Data Register*/
Loop to READ_DATA Until All Data Gathered
Write 30 Hex to Serial Port
/* Ends Continuous Read Operation and Places Part in Mode Where It
Expects Write to Communications Register*/
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com