Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBR Datasheet(PDF) 48 Page - Analog Devices

Part # AD7730LBR
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBR Datasheet(HTML) 48 Page - Analog Devices

Back Button AD7730LBR Datasheet HTML 44Page - Analog Devices AD7730LBR Datasheet HTML 45Page - Analog Devices AD7730LBR Datasheet HTML 46Page - Analog Devices AD7730LBR Datasheet HTML 47Page - Analog Devices AD7730LBR Datasheet HTML 48Page - Analog Devices AD7730LBR Datasheet HTML 49Page - Analog Devices AD7730LBR Datasheet HTML 50Page - Analog Devices AD7730LBR Datasheet HTML 51Page - Analog Devices AD7730LBR Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
AD7730/AD7730L
–48–
OUTPUT NOISE AND RESOLUTION SPECIFICATION
The AD7730L can be programmed to operate in either chop mode or nonchop mode. The chop mode can be enabled in ac-excited
or dc-excited applications; it is optional in dc-excited applications, but chop mode must be enabled in ac-excited applications. These
options are discussed in more detail in earlier sections. The chop mode has the advantage of lower drift numbers and better noise
immunity, but the noise is approximately 20% higher for a given –3 dB frequency and output data rate. It is envisaged that the major-
ity of weigh-scale users of the AD7730L will operate the part in chop mode to avail themselves of the excellent drift performance and
noise immunity when chopping is enabled. The following tables outline the noise performance of the part in both chop and nonchop
modes over all input ranges for a selection of output rates.
Output Noise (CHP = 1)
This mode is the primary mode of operation of the device. Table XXI shows the output rms noise for some typical output update
rates and –3 dB frequencies for the AD7730 when used in chopping mode (CHP of Filter Register = 1) with a master clock
frequency of 2.4576 MHz. These numbers are typical and are generated at a differential analog input voltage of 0 V. The output
update rate is selected via the SF0 to SF11 bits of the Filter Register. Table XXII, meanwhile, shows the output peak-to-peak resolu-
tion in counts for the same output update rates. The numbers in brackets are the effective peak-to-peak resolution in bits (rounded to
the nearest 0.5 LSB). It is important to note that the numbers in Table XXII represent the resolution for which there will be no code
flicker within a six-sigma limit. They are not calculated based on rms noise, but on peak-to-peak noise.
The numbers are generated for the bipolar input ranges. When the part is operated in unipolar mode, the output noise will be the
same as the equivalent bipolar input range. As a result, the numbers in Table XXI will remain the same for unipolar ranges while the
numbers in Table II will change. To calculate the numbers for Table XXII for unipolar input ranges simply divide the peak-to-peak
resolution number in counts by two or subtract one from the peak-to-peak resolution number in bits.
Table XXI. Output Noise vs. Input Range and Update Rate (CHP = 1)
Typical Output RMS Noise in nV
Output
–3 dB
SF
Settling Time
Settling Time
Input Range
Input Range
Input Range
Input Range
Data Rate Frequency
Word
Normal Mode
Fast Mode
= 80 mV
= 40 mV
= 20 mV
= 10 mV
25 Hz
0.98 Hz
2048
920 ms
120 ms
245
140
105
70
50 Hz
1.97 Hz
1024
460 ms
60 ms
340
220
160
100
75 Hz
2.96 Hz
683
306 ms
40 ms
420
270
170
110
100 Hz*
3.95 Hz
512
230 ms
30 ms
500
290
180
130
200 Hz
7.9 Hz
256
115 ms
15 ms
650
490
280
165
*Power-On Default
Table XXII. Peak-to-Peak Resolution vs. Input Range and Update Rate (CHP = 1)
Peak-to-Peak Resolution in Counts (Bits)
Output
–3 dB
SF
Settling Time
Settling Time
Input Range
Input Range
Input Range
Input Range
Data Rate Frequency
Word
Normal Mode
Fast Mode
= 80 mV
= 40 mV
= 20 mV
= 10 mV
25 Hz
0.98 Hz
2048
920 ms
120 ms
110k (17)
94k (16.5)
64k (16)
46k (15.5)
50 Hz
1.97 Hz
1024
460 ms
60 ms
80k (16.5)
60k (16)
42k (15.5)
33k (15)
75 Hz
2.96 Hz
683
306 ms
40 ms
62k (16)
50k (15.5)
39k (15)
31k (15)
100 Hz*
3.95 Hz
512
230 ms
30 ms
53k (15.5)
46k (15.5)
36k (15)
25k (14.5)
200 Hz
7.9 Hz
256
115 ms
15 ms
44k (15.5)
27k (15)
24k (14.5)
20k (14.5)
*Power-On Default
Output Noise (CHP = 0)
Table XXIII shows the output rms noise for some typical output update rates and –3 dB frequencies for the AD7730L when used in
nonchopping mode (CHP of Filter Register = 0) with a master clock frequency of 2.4576 MHz. These numbers are typical and are
generated at a differential analog input voltage of 0 V. The output update rate is selected via the SF0 to SF11 bits of the Filter Regis-
ter. Table XXIV, meanwhile, shows the output peak-to-peak resolution in counts for the same output update rates. The numbers in
brackets are the effective peak-to-peak resolution in bits (rounded to the nearest 0.5 LSB). It is important to note that the numbers in
Table XXIV represent the resolution for which there will be no code flicker within a six-sigma limit. They are not calculated based on
rms noise, but on peak-to-peak noise.
The numbers are generated for the bipolar input ranges. When the part is operated in unipolar mode, the output noise will be the
same as the equivalent bipolar input range. As a result, the numbers in Table XXIII will remain the same for unipolar ranges while
the numbers in Table XXIV will change. To calculate the number for Table XXIV for unipolar input ranges simply divide the peak-
to-peak resolution number in counts by two or subtract one from the peak-to-peak resolution number in bits.
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com