Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBR Datasheet(PDF) 52 Page - Analog Devices

Part # AD7730LBR
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBR Datasheet(HTML) 52 Page - Analog Devices

Back Button AD7730LBR Datasheet HTML 45Page - Analog Devices AD7730LBR Datasheet HTML 46Page - Analog Devices AD7730LBR Datasheet HTML 47Page - Analog Devices AD7730LBR Datasheet HTML 48Page - Analog Devices AD7730LBR Datasheet HTML 49Page - Analog Devices AD7730LBR Datasheet HTML 50Page - Analog Devices AD7730LBR Datasheet HTML 51Page - Analog Devices AD7730LBR Datasheet HTML 52Page - Analog Devices AD7730LBR Datasheet HTML 53Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
AD7730/AD7730L
–52–
REV. B
24-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Options
AD7730BN
−40°C to +85°C
24-Lead Plastic Dual In-Line Package [PDIP]
N-24-1
AD7730BNZ
−40°C to +85°C
24-Lead Plastic Dual In-Line Package [PDIP]
N-24-1
AD7730BR
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD7730BR-REEL
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD7730BR-REEL7
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD7730BRZ
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD7730BRZ-REEL
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD7730BRZ-REEL7
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD7730BRU
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7730BRU-REEL
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7730BRU-REEL7
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7730BRUZ
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7730BRUZ-REEL
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7730BRUZ-REEL7
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
EVAL-AD7730EBZ
Evaluation Board
AD7730LBR
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD7730LBR-REEL7
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD7730LBRZ
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD7730LBRZ-REEL
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD7730LBRU
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7730LBRU-REEL
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7730LBRU-REEL7
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7730LBRUZ
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7730LBRUZ-REEL
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD7730LBRUZ-REEL7
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
EVAL-AD7730LEBZ
Evaluation Board
1 Z = RoHS Compliant Part.
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153-AD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com