Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7730LBRZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD7730LBRZ
Description  Bridge Transducer ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7730LBRZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD7730LBRZ Datasheet HTML 34Page - Analog Devices AD7730LBRZ Datasheet HTML 35Page - Analog Devices AD7730LBRZ Datasheet HTML 36Page - Analog Devices AD7730LBRZ Datasheet HTML 37Page - Analog Devices AD7730LBRZ Datasheet HTML 38Page - Analog Devices AD7730LBRZ Datasheet HTML 39Page - Analog Devices AD7730LBRZ Datasheet HTML 40Page - Analog Devices AD7730LBRZ Datasheet HTML 41Page - Analog Devices AD7730LBRZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
AD7730/AD7730L
–38–
MICROCOMPUTER/MICROPROCESSOR INTERFACING
The AD7730’s flexible serial interface allows for easy interface
to most microcomputers and microprocessors. The pseudo-code
of Table XIX and Table XX outline typical sequences for inter-
facing a microcontroller or microprocessor to the AD7730.
Figures 20, 21 and 22 show some typical interface circuits.
The serial interface on the AD7730 has the capability of operat-
ing from just three wires and is compatible with SPI interface
protocols. The three-wire operation makes the part ideal for
isolated systems where minimizing the number of interface lines
minimizes the number of opto-isolators required in the system.
Register lengths on the AD7730 vary from 8 to 16 to 24 bits.
The 8-bit serial ports of most microcontrollers can handle
communication with these registers as either one, two or three
8-bit transfers. DSP processors and microprocessors generally
transfer 16 bits of data in a serial data operation. Some of these
processors, such as the ADSP-2105, have the facility to program
the amount of cycles in a serial transfer. This allows the user to
tailor the number of bits in any transfer to match the register
length of the required register in the AD7730. In any case,
writing 32 bits of data to a 24-bit register is not an issue provided
the final eight bits of the word are all 1s. This is because the
part returns to the Communications Register following a write
operation.
Even though some of the registers on the AD7730 are only eight
bits in length, communicating with two of these registers in
successive write operations can be handled as a single 16-bit
data transfer if required. For example, if the DAC Register is to
be updated, the processor must first write to the Communica-
tions Register (saying that the next operation is a write to the
Mode Register) and then write eight bits to the DAC Register.
This can all be done in a single 16-bit transfer, if required, be-
cause once the eight serial clocks of the write operation to the
Communications Register have been completed, the part imme-
diately sets itself up for a write operation to the DAC Register.
AD7730 to 68HC11 Interface
Figure 20 shows an interface between the AD7730 and the
68HC11 microcontroller. The diagram shows the minimum
(three-wire) interface with
CS on the AD7730 hardwired low.
In this scheme, the
RDY bit of the Status Register is monitored
to determine when the Data Register is updated. An alternative
scheme, which increases the number of interface lines to four, is
to monitor the
RDY output line from the AD7730. The moni-
toring of the
RDY line can be done in two ways. First, RDY can
be connected to one of the 68HC11’s port bits (such as PC0),
which is configured as an input. This port bit is then polled to
determine the status of
RDY. The second scheme is to use an
interrupt driven system, in which case the
RDY output is con-
nected to the
IRQ input of the 68HC11. For interfaces which
require control of the
CS input on the AD7730, one of the port
bits of the 68HC11 (such as PC1), which is configured as an
output, can be used to drive the
CS input.
The 68HC11 is configured in the master mode with its CPOL
bit set to a logic zero and its CPHA bit set to a logic one. When
the 68HC11 is configured like this, its SCLK line idles low
between data transfers. Therefore, the POL input of the AD7730
should be hardwired low. For systems where it is preferable that
the SCLK idle high, the CPOL bit of the 68HC11 should be set
to a Logic 1 and the POL input of the AD7730 should be hard-
wired to a logic high.
The AD7730 is not capable of full duplex operation. If the
AD7730 is configured for a write operation, no data appears on
the DATA OUT lines even when the SCLK input is active.
When the AD7730 is configured for continuous read operation,
data presented to the part on the DATA IN line is monitored to
determine when to exit the continuous read mode.
SYNC
RESET
AD7730
SCLK
DATA OUT
DATA IN
CS
POL
SS
SCK
MISO
MOSI
68HC11
DVDD
DVDD
Figure 20. AD7730 to 68HC11 Interface
AD7730 to 8051 Interface
An interface circuit between the AD7730 and the 8XC51 mi-
crocontroller is shown in Figure 21. The diagram shows the
minimum number of interface connections with
CS on the
AD7730 hardwired low. In the case of the 8XC51 interface, the
minimum number of interconnects is just two. In this scheme,
the
RDY bit of the Status Register is monitored to determine
when the Data Register is updated. The alternative scheme,
which increases the number of interface lines to three, is to
monitor the
RDY output line from the AD7730. The monitor-
ing of the
RDY line can be done in two ways. First, RDY can be
connected to one of the 8XC51’s port bits (such as P1.0), which
is configured as an input. This port bit is then polled to deter-
mine the status of
RDY. The second scheme is to use an inter-
rupt driven system, in which case the
RDY output is connected
to the
INT1 input of the 8XC51. For interfaces that require
control of the
CS input on the AD7730, one of the port bits of
the 8XC51 (such as P1.1), which is configured as an output,
can be used to drive the
CS input.
The 8XC51 is configured in its Mode 0 serial interface mode.
Its serial interface contains a single data line. As a result, the
DATA OUT and DATA IN pins of the AD7730 should be
connected together. This means that the AD7730 must not be
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com